Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZRL Datasheet(PDF) 5 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 5 Page - Analog Devices

  AD9920ABBCZRL Datasheet HTML 1Page - Analog Devices AD9920ABBCZRL Datasheet HTML 2Page - Analog Devices AD9920ABBCZRL Datasheet HTML 3Page - Analog Devices AD9920ABBCZRL Datasheet HTML 4Page - Analog Devices AD9920ABBCZRL Datasheet HTML 5Page - Analog Devices AD9920ABBCZRL Datasheet HTML 6Page - Analog Devices AD9920ABBCZRL Datasheet HTML 7Page - Analog Devices AD9920ABBCZRL Datasheet HTML 8Page - Analog Devices AD9920ABBCZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
AD9920A
Rev. B | Page 5 of 112
DIGITAL SPECIFICATIONS
IOVDD = 1.6 V to 3.6 V, RGVDD = HVDD1 and HVDD2 = 2.7 V to 3.6 V, CL = 20 pF, TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS (IOVDD)
High Level Input Voltage
VIH
VDD − 0.6
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
μA
Low Level Input Current
IIL
10
μA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS (IOVDD, DRVDD)
High Level Output Voltage
VOH
IOH = 2 mA
VDD − 0.5
V
Low Level Output Voltage
VOL
IOL = 2 mA
0.5
V
RG and H-DRIVER OUTPUTS (HVDD1,
HVDD2, and RGVDD)
High Level Output Voltage
VOH
Maximum current
VDD − 0.5
V
Low Level Output Voltage
VOL
Maximum current
0.5
V
Maximum H1 to H8 Output Current
Programmable
30
mA
Maximum HL and RG Output Current
Programmable
17
mA
Maximum Load Capacitance
Each output
60
pF
CLI INPUT
With CLO oscillator disabled
High Level Input Voltage
VIHCLI
CLIVDD/2 + 0.5
V
Low Level Input Voltage
VILCLI
CLIVDD/2 − 0.5
V
ANALOG SPECIFICATIONS
AVDD = 1.8 V, fCLI = 40.5 MHz, typical timing specifications, TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CDS1
DC Restore
AVDD − 0.5 V
1.21
1.3
1.44
V
Allowable CCD Reset Transient
Limit is the lower of AVDD + 0.3 V or 2.2 V
0.5
0.8
V
CDS Gain Accuracy
VGA gain = 6.3 dB (Code 15, default value)
−3 dB CDS Gain
−3.1
−2.6
−2.1
dB
0 dB CDS Gain
−0.6
−0.1
+0.4
dB
+3 dB CDS Gain
2.7
3.2
3.7
dB
+6 dB CDS Gain
5.2
5.7
6.2
dB
Maximum Input Range Before
Saturation
−3 dB CDS Gain
1.4
V p-p
0 dB CDS Gain
1.0
V p-p
+3 dB CDS Gain
0.7
V p-p
+6 dB CDS Gain
0.5
V p-p
Allowable OB Pixel Amplitude1
0 dB CDS Gain (Default)
−100
+200
mV
+6 dB CDS Gain
−50
+100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Low Gain
VGA Code 15, default
6.3
dB
Maximum Gain
VGA Code 1023
42.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com