Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZRL Datasheet(PDF) 13 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 9Page - Analog Devices AD9920ABBCZRL Datasheet HTML 10Page - Analog Devices AD9920ABBCZRL Datasheet HTML 11Page - Analog Devices AD9920ABBCZRL Datasheet HTML 12Page - Analog Devices AD9920ABBCZRL Datasheet HTML 13Page - Analog Devices AD9920ABBCZRL Datasheet HTML 14Page - Analog Devices AD9920ABBCZRL Datasheet HTML 15Page - Analog Devices AD9920ABBCZRL Datasheet HTML 16Page - Analog Devices AD9920ABBCZRL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
AD9920A
Rev. B | Page 13 of 112
Pin No.
Mnemonic
Type1
Description
D9
V9
VO2
CCD Vertical Transfer Clock. Two-level output (XV9).
C4
V10
VO2
CCD Vertical Transfer Clock. Two-level output (XV10).
C5
V11
VO2
CCD Vertical Transfer Clock. Two-level output (XV11).
B5
V12
VO2
CCD Vertical Transfer Clock. Two-level output (XV12).
E6
V13
VO2
CCD Vertical Transfer Clock. Two-level output (XV13).
E7
V14
VO2
CCD Vertical Transfer Clock. Two-level output (XV14).
C8
V15
VO2
CCD Vertical Transfer Clock. Two-level output (XV15).
J8
V16
VO2
CCD Vertical Transfer Clock. Two-level output (XV24). Available only when LEGEN is high
(19-channel mode).
G7
SUBCK
VO3
CCD Substrate Clock Output.
A1, A11, B8,
B10, J10, L1,
L11
NC
Not Internally Connected.
1 AI = analog input; AO = analog output; DI = digital input; DO = digital output; DIO = digital input/output; P = power; VO2 = vertical driver output, two-level;
VO3 = vertical driver output, three-level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com