Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZRL Datasheet(PDF) 6 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 2Page - Analog Devices AD9920ABBCZRL Datasheet HTML 3Page - Analog Devices AD9920ABBCZRL Datasheet HTML 4Page - Analog Devices AD9920ABBCZRL Datasheet HTML 5Page - Analog Devices AD9920ABBCZRL Datasheet HTML 6Page - Analog Devices AD9920ABBCZRL Datasheet HTML 7Page - Analog Devices AD9920ABBCZRL Datasheet HTML 8Page - Analog Devices AD9920ABBCZRL Datasheet HTML 9Page - Analog Devices AD9920ABBCZRL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
AD9920A
Rev. B | Page 6 of 112
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
BLACK LEVEL CLAMP
Clamp Level Resolution
1024
Steps
Clamp Level
Measured at ADC output
Minimum Clamp Level
Code 0
0
LSB
Maximum Clamp Level
Code 1023
255
LSB
ADC
Resolution
12
Bits
Differential Nonlinearity (DNL)2
±0.5
LSB
No Missing Codes
Guaranteed
Integral Nonlinearity (INL)2
±3.0
LSB
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
1.4
V
Reference Bottom Voltage (REFB)
0.4
V
SYSTEM PERFORMANCE
Includes entire signal chain
Gain Accuracy
0 dB CDS gain
Low Gain
VGA Code 15
Gain = (0.0358 × code) + 5.76 dB
5.7
6.2
6.7
dB
Maximum Gain
VGA Code 1023
41.8
42.3
42.8
dB
Peak Nonlinearity, 1 V Input Signal2
6 dB VGA gain, 0 dB CDS gain applied
0.1
0.3
%
Total Output Noise2
AC-grounded input, 6 dB VGA gain
applied
0.6
LSB rms
Power Supply Rejection (PSR)2
Measured with step change on supply
40
dB
1 Input signal characteristics are defined as shown in Figure 2.
2 See the Terminology section.
800mV
MAXIMUM
MINIMUM INPUT LIMIT
(AVSS – 0.3V)
0V (AVSS)
1V MAXIMUM INPUT SIGNAL RANGE
(0dB CDS GAIN)
+1.3V TYP (AVDD – 0.5V)
DC RESTORE VOLTAGE
+1.8V TYP (AVDD)
MAXIMUM INPUT LIMIT = LESSER OF
2.2V OR AVDD + 0.3V
200mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
Figure 2. Input Signal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com