Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZRL Datasheet(PDF) 89 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 85Page - Analog Devices AD9920ABBCZRL Datasheet HTML 86Page - Analog Devices AD9920ABBCZRL Datasheet HTML 87Page - Analog Devices AD9920ABBCZRL Datasheet HTML 88Page - Analog Devices AD9920ABBCZRL Datasheet HTML 89Page - Analog Devices AD9920ABBCZRL Datasheet HTML 90Page - Analog Devices AD9920ABBCZRL Datasheet HTML 91Page - Analog Devices AD9920ABBCZRL Datasheet HTML 92Page - Analog Devices AD9920ABBCZRL Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
AD9920A
Rev. B | Page 89 of 112
CIRCUIT CONFIGURATIONS
EXTERNAL RESET IN
IOVDD
IOVSS
DVSS
(LSB) D0
D1
D2
D3
D4
D5
D6
CLIVDD
TCVSS
RGVSS
D7
D8
H4
H3
H2
H1
LDOIN
LDOOUT
6
GENERAL-PURPOSE OUTPUTS
NOTE: ONE GPO IS NEEDED TO DRIVE VDR_EN (PIN B11)
18
3
12
DATA OUTPUTS
DCLK OUTPUT
H1, H2 TO CCD
H3, H4 TO CCD
+3V CLI SUPPLY
H7, H8 TO CCD
H5, H6 TO CCD
SERIAL INTERFACE
(FROM ASIC/DSP)
ANALOG OUTPUT FROM CCD
RG TO CCD
HL TO CCD
AD9920A
NOT DRAWN TO SCALE
VERTICAL SYNC IN/OUT
HORIZONTAL SYNC IN/OUT
0.1µF
25V
1.0µF
25V
0.1µF
10V
4.7µF
10V
0.1uF
+3V SUPPLY
VH SUPPLY
VL SUPPLY
SUBCK OUTPUT (TO CCD)
VERTICAL OUTPUT (TO CCD)
+3V SUPPLY
XSUBCNT INPUT (FROM GPO OR TIE TO +3V)
NC
NC
NC
NC
DVDD
+1.8V SUPPLY
+3V H, RG SUPPLY
AVDD
TCVDD
RGVDD
HVDD1
4.7µF
6.3V
HVDD2
HVSS2
HVSS1
VDR_EN
DRVDD
MASTER CLOCK INPUT (3V LOGIC)
OPTIONAL CLOCK OSCILLATOR OUTPUT
(FOR CRYSTAL APPLICATION)
NC
H6
H5
NC
GPO OUTPUT
DRVSS/LDOVSS
L6
A10
A9
L5
K6
K4
A2
B2
E1
G1
E2
G2
L3
K3
B1
C1
H11
G11
B11
B9
C6
C7
A8
A7
B7
B6
A6
A5
D1
D2
F1
F2
H1
H2
A1
A11
L1
L11
B8
B10
AVSS
CCDGND
AVSS
HVSS2
J2
HVDD2
J1
J7
K7
K8
VDVSS
C10
(TIE TO IOVDD IF RESET IS NOT USED)
J10
NC
SRSW
SRCTL
C9
C2
J6
GPO OUTPUT
(OR GND, IF NOT USED)
ANALOG CONTROL INPUT
(OR GND, IF NOT USED)
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
LEGEN
Figure 109. Typical 1.8 V Circuit Configuration in Legacy Mode (18-Channel Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com