Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ10-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5290YRMZ10-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ10-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5290YRMZ10-R7 Datasheet HTML 6Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 9Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 10Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 11Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 12Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 13Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5290
Data Sheet
Rev. C | Page 10 of 20
PIN CONFIGURATION AND DESCRIPTIONS
A
1
B
2
VSS 3
GND
4
CS
5
W
10
VDD
9
SDO
8
SDI
7
CLK
6
AD5290
TOP VIEW
(Not to Scale)
Figure 4. AD5290 Pin Configuration
Table 6. AD5290 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A
A Terminal. VSS ≤ VA ≤ VDD.
2
B
B Terminal. VSS ≤ VB ≤ VDD.
3
VSS
Negative Supply. Connect to 0 V for single-supply applications.
4
GND
Digital Ground.
5
CS
Chip Select Input; Active Low. When CS returns high, data is loaded into the wiper register.
6
CLK
Serial Clock Input. Positive edge triggered.
7
SDI
Serial Data Input Pin. Shifts in one bit at a time on positive clock CLK edges. MSB loaded first.
8
SDO
Serial Data Output Pin. Internal N-Ch FET with open-drain output that requires external pull-up resistor.
It shifts out the previous eight SDI bits that allow daisy-chain operation of multiple packages.
9
VDD
Positive Power Supply.
10
W
W Terminal. VSS ≤ VW ≤ VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com