Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ10-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5290YRMZ10-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ10-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5290YRMZ10-R7 Datasheet HTML 9Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 10Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 11Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 12Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 13Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 14Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 15Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 16Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD5290
Rev. C | Page 13 of 20
–60
0
100
FREQUENCY (Hz)
1M
1k
10k
100k
–40
–20
CODE = 80H, VDD/VSS = ±15V, VA/VB = ±10V
–PSRR @ VDD/VSS = ±15V DC ± 10% p-p AC
+PSRR @ VDD/VSS = ±15V DC ± 10% p-p AC
Figure 17. Power Supply Rejection vs. Frequency
1
0.0001
10
FREQUENCY (Hz)
100k
100
1k
10k
0.001
0.01
10k
Ω
50k
Ω
100k
Ω
VDD/VSS = ±15V
CODE = MIDSCALE
VIN = 1VRMS
Figure 18. Total Harmonic Distortion Plus Noise vs. Frequency
1
0.001
0.001
AMPLITUDE (V)
10
0.01
0.1
1
0.01
0.1
VDD/VSS = ±15V
CODE = MIDSCALE
fIN = 1kHz
10k
Ω
50k
Ω
100k
Ω
Figure 19. Total Harmonic Distortion Plus Noise vs. Amplitude
6
0
0
CODE (Decimal)
256
5
4
3
2
1
64
128
192
VDD/VSS = 30V/0V
VA = VDD
VB = 0V
RAB = 10kΩ
RAB = 50kΩ
RAB = 100kΩ
Figure 20. Theoretical Maximum Current vs. Code
140
0
10k
FREQUENCY (Hz)
10M
100k
1M
120
100
80
60
40
20
VDD = +15V
VSS = –15V
VDIG = +5V
CODE = FF
CODE = AA
Figure 21. Supply Current IDD vs. Frequency
10
0
10k
FREQUENCY (Hz)
10M
100k
1M
VDD = +15V
VSS = –15V
VDIG = +5V
CODE = FF
CODE = AA
8
6
4
2
Figure 22. Supply Current ISS vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com