Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ10-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5290YRMZ10-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ10-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5290YRMZ10-R7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 9Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 10Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 11Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 12Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 13Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 14Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5290
Rev. C | Page 11 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
0
CODE (Decimal)
256
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
32
64
96
128
160
192
224
VDD = 16.5V
–40
°C
+25
°C
+125
°C
Figure 5. Resistance Step Position Nonlinearity Error vs. Code
1.0
–1.0
0
CODE (Decimal)
256
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
32
64
96
128
160
192
224
VDD = 16.5V
–40
°C
+25
°C
+125
°C
Figure 6. Resistance Step Change Differential Nonlinearity Error vs. Code
1.0
–1.0
0
CODE (Decimal)
256
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
32
64
96
128
160
192
224
VDD = 16.5V
–40
°C
+25
°C
+125
°C
Figure 7. Potentiometer Divider Nonlinearity Error vs. Code
1.0
–1.0
0
CODE (Decimal)
256
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
32
64
96
128
160
192
224
VDD = 16.5V
–40
°C
+25
°C
+125
°C
Figure 8. Potentiometer Divider Differential Nonlinearity Error vs. Code
20
–4
–40
TEMPERATURE (
°C)
16
12
8
4
0
–20
0
20
40
60
80
100
120
IDD @ VDD/VSS = 30V/0V
IDD @ VDD/VSS = ±15V
ISS @ VDD/VSS = 30V/0V
ISS @ VDD/VSS = ±15V
Figure 9. Supply Current IDD vs. Temperature
–40
–20
0
20
40
60
80
100
120
120
100
80
60
40
20
0
TEMPERATURE (
°C)
10k
Ω
50k
Ω
100k
Ω
VDD/VSS = ±15V
Figure 10. Total Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com