Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ10-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5290YRMZ10-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ10-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD5290YRMZ10-R7 Datasheet HTML 1Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 2Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 3Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 4Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 5Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 6Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Compact +30 V / ±15 V 256-Position
Digital Potentiometer
Data Sheet
AD5290
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005-2011 Analog Devices, Inc. All rights reserved.
FEATURES
256 position
10 kΩ, 50 kΩ, 100 kΩ
+20 V to +30 V single-supply operation
±10 V to ±15 V dual-supply operation
3-wire SPI®-compatible serial interface
Low temperature coefficient 35 ppm/°C typical
THD 0.006% typical
Midscale preset
Compact MSOP-10 package
Automotive temperature range: −40°C to +125°C
iCMOS™1 process technology
APPLICATIONS
High voltage DAC
Programmable power supply
Programmable gain and offset adjustment
Programmable filters and delays
Actuator control
Audio volume control
Mechanical potentiometer replacement
FUNCTIONAL BLOCK DIAGRAM
VDD
A
W
B
VSS
SDI
CLK
CS
SDO
DGND
POR
8
8
RS
8-BIT
LATCH
8-BIT
SERIAL
REGISTER
Q
D
CK
AD5290
Figure 1.
GENERAL DESCRIPTION
The AD5290 is one of the few high voltage, high performance,
and compact digital potentiometers2, 3 in the market at present.
This device can be used as a programmable resistor or resistor
divider. The AD5290 performs the same electronic adjustment
function as mechanical potentiometers, variable resistors, and
trimmers, with enhanced resolution, solid-state reliability, and
superior temperature stability.
With digital rather than manual control, the AD5290 provides
layout flexibility and allows closed-loop dynamic controllability.
The AD5290 is available in MSOP-10 package and has 10 kΩ,
50 kΩ, and 100 kΩ options. All parts are guaranteed to operate
over the −40°C to +125°C extended automotive temperature range.
1 iCMOS™ Process Technology. For analog systems designers who need high performance ICs at higher voltage levels, iCMOS is a technology platform that enables the
development of analog ICs capable of 30 V and operating at ±15 V supplies while allowing dramatic reductions in power consumption and package size, and
increased ac and dc performance.
2 The terms digital potentiometer and RDAC are used interchangeably.
3 The RDAC segmentation is protected by U.S. Patent Number 5,495,245.


Similar Part No. - AD5290YRMZ10-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290YRMZ10-RL7 AD-AD5290YRMZ10-RL7 Datasheet
165Kb / 11P
Compact 30V/짹15V 256-Position Digital Potentiometer
More results

Similar Description - AD5290YRMZ10-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376 AD-AD7376 Datasheet
335Kb / 12P
-15 V Operation Digital Potentiometer
REV.0
AD5290 AD-AD5290 Datasheet
165Kb / 11P
Compact 30V/짹15V 256-Position Digital Potentiometer
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com