Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ10-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5290YRMZ10-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ10-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5290YRMZ10-R7 Datasheet HTML 12Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 13Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 14Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 15Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 16Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 17Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 18Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 19Page - Analog Devices AD5290YRMZ10-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5290
Data Sheet
Rev. C | Page 18 of 20
APPLICATIONS
HIGH VOLTAGE DAC
AD5290 can be configured as a high voltage DAC, with out-
put voltage as high as 30 V. The circuit is shown in Figure 33.
The output is
)]
1
(
V
2
.
1
[
256
)
(
1
2
R
R
D
D
V
O
(4)
where D is the decimal code from 0 to 255.
AD5290
U2
OP284
V+
V–
OP284
VOUT
VDD
U1B
VDD
RBIAS
ADR512
D1
R2
R1
B
100kΩ
U1A
Figure 33. High Voltage DAC
PROGRAMMABLE POWER SUPPLY
With a boost regulator, such as ADP1611, AD5290 can be used
as the variable resistor at the regulator’s FB pin to provide the
programmable power supply (Figure 34). The output is
]
)
(
1
[
V
23
.
1
2
256
R
R
V
AB
D
O
(5)
AD5290’s VDD is derived from the output. Initially, L1 acts as
a short, and VDD is one diode voltage drop below +5 V. The
output slowly establishes the final value.
AD5290
ADP1611
1.23V
CC
150pF
RC
220k
COUT
10
F
VOUT
D1
L1
4.7
H
IN
GND
SS
FB
RT
SW
COMP
U2
C1
0.1
F
VDD
R1
100k
A
W
B
CIN
10
F
5V
R2
8.5k
CSS
22nF
U1
Figure 34. Programmable Power Supply
AUDIO VOLUME CONTROL
Because of its good THD performance and high voltage
capability, AD5290 can be used as a digital volume control.
If AD5290 is used directly as an audio attenuator or gain
amplifier, a large step change in the volume level at any arbi-
trary time can lead to an abrupt discontinuity of the audio
signal causing an audible zipper noise. To prevent this, a zero-
crossing window detector can be inserted to the CS line to
delay the device update until the audio signal crosses the
window. Since the input signal can operate on top of any
dc level rather than absolute zero volt level, zero-crossing in
this case means the signal is ac-coupled, and the dc offset
level is the signal zero reference point.
The configuration to reduce zipper noise (Figure 35) and the
results of using this configuration are shown in Figure 36. The
input is ac-coupled by C1 and attenuated down before feeding
into the window comparator formed by U2, U3, and U4B
(Figure 35). U6 is used to establish the signal zero reference.
The upper limit of the comparator is set above its offset and,
therefore, the output pulses high whenever the input falls
between 2.502 V and 2.497 V (or 0.005 V window) in this
example. This output is AND’ed with the chip select signal
such that the AD5290 updates whenever the signal crosses
the window. To avoid a constant update of the device, the
chip select signal should be programmed as two pulses, rather
than as one shown in Figure 36.
In Figure 35, the lower trace shows that the volume level changes
from a quarter-scale to full-scale when a signal change occurs
near the zero-crossing window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com