Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 32Page - Analog Devices AD5560JBCZ Datasheet HTML 33Page - Analog Devices AD5560JBCZ Datasheet HTML 34Page - Analog Devices AD5560JBCZ Datasheet HTML 35Page - Analog Devices AD5560JBCZ Datasheet HTML 36Page - Analog Devices AD5560JBCZ Datasheet HTML 37Page - Analog Devices AD5560JBCZ Datasheet HTML 38Page - Analog Devices AD5560JBCZ Datasheet HTML 39Page - Analog Devices AD5560JBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 36 of 68
FORCE AMPLIFIER STABILITY
There are three modes for configuring the force amplifier: safe
mode, autocompensation mode, and manual compensation mode.
Manual compensation mode has highest priority, followed by safe
mode, then autocompensation mode.
Safe Mode
Selected through Compensation Register 1 (see Table 20), this
mode guarantees stability of the force amplifier under all
conditions. Where the load is unknown, this mode is useful but
results in a slow response. This is the power-on default of the
AD5560.
Autocompensation Mode
Using this mode, the user inputs the CR and ESR values, and
the AD5560 decides the most appropriate compensation
scheme for these load conditions. The compensation chosen
is for an optimum tradeoff between ac response and stability.
Manual Compensation Mode
This mode allows access to all of the internal programmable
parameters to configure poles/zeros, which affect the dynamic
performance of the loop. These variables are outlined in
Table 12 and Table 13.
Figure 57 shows more details of the force amplifier block.
Table 12. External Variables
Name
Description
Min
Max
CR
DUT capacitance with contributing
ESR
10 nF
160 μF
RC
ESR in series with CR
1 mΩ
10 Ω
CD
DUT capacitance with negligible ESR
100 pF
10 nF
RD
Loading resistance at the DUT
~2 Ω
Infinity
IR
Current range
±5 μA
±1.2 A
Table 13. Internal Variables
Name
Description
Min
Max
RZ
Resistor in series with CC0, which
contributes a zero.
500 Ω
1.6 MΩ
RP
Resistor to 8 pF to contribute an
additional pole
200 Ω
1 MΩ
CC0:CC3
Capacitors to ensure
unconditional stability
100 pF
100 nF
CF0:CF4
Capacitors to optimize ac
performance into different CR, CD
4.7 nF
10 μF
gmx
Transconductance of force
amplifier input stage
40 μA/V
900 μA/V
DUTGND
FORCE
SENSE
VSENSE
–
–
+
+
×1
CF0
4.7nF
RZ:
500Ω TO
1.6MΩ
CF1
22nF
CF2
100nF
CF3
470nF
CF4
2.2µF
RSENSE 2
RSENSE 1
AD5560
FORCE VOLTAGE LOOP
EXTFORCE1
EXTFORCE2
100kΩ
25kΩ
20Ω
200Ω
2kΩ
20kΩ
100kΩ
6kΩ
100pF
100pF
330pF
3.3nF
CC0
CC1
CC2
CC3
FORCE
DAC
gm
RP:
200Ω TO 1MΩ
8pF
AGND
+
–
+
–
CD
CR
RD
RC
Figure 57. Block Diagram of a Force Amplifier Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com