Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 50Page - Analog Devices AD5560JBCZ Datasheet HTML 51Page - Analog Devices AD5560JBCZ Datasheet HTML 52Page - Analog Devices AD5560JBCZ Datasheet HTML 53Page - Analog Devices AD5560JBCZ Datasheet HTML 54Page - Analog Devices AD5560JBCZ Datasheet HTML 55Page - Analog Devices AD5560JBCZ Datasheet HTML 56Page - Analog Devices AD5560JBCZ Datasheet HTML 57Page - Analog Devices AD5560JBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 54 of 68
Table 24. Other Registers
Address
Register
Default
Data Bits, MSB First
0x8
FIN DAC x1
0x8000
x1 DAC register; D15 to D0, MSB first.
0x9
FIN DAC m
0xFFFF
m register; D15 to D0, MSB first.
0xA
FIN DAC c
0x8000
c register; D15 to D0, MSB first.
0xB
Offset DAC x
0x8000
D15 to D0.
0xC
OSD DAC x
0x1FFF
D15 to D0.
0xD
CLL DAC x1
0x0000
D15 to D0; the low clamp level can only be negative; the MSB is always 0 to ensure this.
0xE
CLL DAC m
0xFFFF
D15 to D0.
0xF
CLL DAC c
0x8000
D15 to D0.
0x10
CLH DAC x1
0xFFFF
D15 to D0; the high clamp level can only be positive; the MSB is always 1 to ensure this.
0x11
CLH DAC m
0xFFFF
D15 to D0.
0x12
CLH DAC c
0x8000
D15 to D0.
0x13
CPL DAC x1 5 μA range
0x0000
D15 to D0.
0x14
CPL DAC m 5 μA range
0xFFFF
D15 to D0.
0x15
CPL DAC c 5 μA range
0x8000
D15 to D0.
0x16
CPL DAC x1 25 μA range
0x0000
D15 to D0.
0x17
CPL DAC m 25 μA range
0xFFFF
D15 to D0.
0x18
CPL DAC c 25 μA range
0x8000
D15 to D0.
0x19
CPL DAC x1 250 μA range
0x0000
D15 to D0.
0x1A
CPL DAC m 250 μA range
0xFFFF
D15 to D0.
0x1B
CPL DAC c 250 μA range
0x8000
D15 to D0.
0x1C
CPL DAC x1 2.5 mA range
0x0000
D15 to D0.
0x1D
CPL DAC m 2.5 mA range
0xFFFF
D15 to D0.
0x1E
CPL DAC c 2.5 mA range
0x8000
D15 to D0.
0x1F
CPL DAC x1 25 mA range
0x0000
D15 to D0.
0x20
CPL DAC m 25 mA range
0xFFFF
D15 to D0.
0x21
CPL DAC c 25 mA range
0x8000
D15 to D0.
0x22
CPL DAC x1 EXT Range 2
0x0000
D15 to D0.
0x23
CPL DAC m EXT Range 2
0xFFFF
D15 to D0.
0x24
CPL DAC c EXT Range 2
0x8000
D15 to D0.
0x25
CPL DAC x1 EXT Range 1
0x0000
D15 to D0.
0x26
CPL DAC m EXT Range 1
0xFFFF
D15 to D0.
0x27
CPL DAC c EXT Range 1
0x8000
D15 to D0.
0x28
CPH DAC x 1 5 μA range
0xFFFF
D15 to D0.
0x29
CPH DAC m 5 μA range
0xFFFF
D15 to D0.
0x2A
CPH DAC c 5 μA range
0x8000
D15 to D0.
0x2B
CPH DAC x1 25 μA range
0xFFFF
D15 to D0.
0x2C
CPH DAC m 25 mA range
0xFFFF
D15 to D0.
0x2D
CPH DAC c 25 μA range
0x8000
D15 to D0.
0x2E
CPH DAC x1 250 μA range
0xFFFF
D15 to D0.
0x2F
CPH DAC m 250 μA range
0xFFFF
D15 to D0.
0x30
CPH DAC c 250 μA range
0x8000
D15 to D0.
0x31
CPH DAC x1 2.5 mA range
0x0000
D15 to D0.
0x32
CPH DAC m 2.5 mA range
0xFFFF
D15 to D0.
0x33
CPH DAC c 2.5 mA range
0x8000
D15 to D0.
0x34
CPH DAC x1 25 mA range
0xFFFF
D15 to D0.
0x35
CPH DAC m 25 mA range
0xFFFF
D15 to D0.
0x36
CPH DAC c 25 mA range
0x8000
D15 to D0.
0x37
CPH DAC x1 EXT Range 2
0xFFFF
D15 to D0.
0x38
CPH DAC m EXT Range 2
0xFFFF
D15 to D0.
0x39
CPH DAC c EXT Range 2
0x8000
D15 to D0.
0x3A
CPH DAC x1 EXT Range 1
0xFFFF
D15 to D0.
0x3B
CPH DAC m EXT Range 1
0xFFFF
D15 to D0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com