Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 46Page - Analog Devices AD5560JBCZ Datasheet HTML 47Page - Analog Devices AD5560JBCZ Datasheet HTML 48Page - Analog Devices AD5560JBCZ Datasheet HTML 49Page - Analog Devices AD5560JBCZ Datasheet HTML 50Page - Analog Devices AD5560JBCZ Datasheet HTML 51Page - Analog Devices AD5560JBCZ Datasheet HTML 52Page - Analog Devices AD5560JBCZ Datasheet HTML 53Page - Analog Devices AD5560JBCZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 50 of 68
Table 21. Compensation Register 2
Address
Default
Data Bits, MSB First
0x5
0x0110
Bit
Name
Function
15
Manual
compensation
The AD5560 can be manually configured to compensate the force amplifier into a wide range of load
conditions. When this bit is high, manual compensation mode is active, and it overrides the settings of
Compensation Register 1. Readback when in manual compensation mode returns the compensation
settings loaded to the force amplifier and loaded to this register. Similarly, when in autocompensation
mode, readback of this register address returns the compensation settings of the force amplifier. However,
readback of this register address when in safe mode does not reflect SAFEMODE settings. SAFEMODE
settings are gm[1:0] = 2, RP[2:0] = 0, RZ[2:0] = 0, CC[3:1] = 111, CF[2:0] = 5, and CC0 = 1.
14
13
12
RZ[2:0]
Set the value of RZ to add a zero at the following frequencies. This calculation assumes that CC0 = 100 pF.
RZ
RZx(Ω)
FZ (Hz)
01
500
3.2 M
1
1.6 k
1 M
2
5 k
320 k
3
16 k
100 k
4
50 k
32 k
5
160 k
10 k
6
500 k
3.2 k
7
1.6 M
1 k
11
10
9
RP[2:0]
Set the value of RP to add an additional pole. There is an internal 8 pF capacitor to provide an RC filter,
creating a pole at one of the following frequencies.
RP[2:0]
RP (Ω)
FP (Hz)
01
200
100 M
1
675
29 M
2
2280
8.7 M
3
7700
2.6 M
4
26 k
760 k
5
88 k
220 k
6
296 k
67 k
7
1 M
20 k
8
7
gm[1:0]
Set the transconductance of the force amplifiers input stage. The gain bandwidth (GBW) of the force
voltage loop is equal to gmx/CC0. The following values assume CC0 = 100 pF.
gmx
gmx (µA/V)
GBW (Hz)
0
40
64 k
1
80
130 k
21
300
480 k (default)
3
900
1.3 M
6
5
4
CF[2:0]
These bits determine which feedforward capacitor CFx is switched in.
CFx
Action
0
None
1
CF0
2
CF1
3
CF2
4
CF3
51
CF4
6
None
7
None
3
CC3
Connect CC3 in series with 100 kΩ1
2
CC2
Connect CC2 in series with 25 kΩ1
1
CC1
Connect CC1 in series with 6 kΩ1
0
Reserved
0
1 This item corresponds to a SAFEMODE setting (SAFEMODE is the power-on default setting).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com