Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 52Page - Analog Devices AD5560JBCZ Datasheet HTML 53Page - Analog Devices AD5560JBCZ Datasheet HTML 54Page - Analog Devices AD5560JBCZ Datasheet HTML 55Page - Analog Devices AD5560JBCZ Datasheet HTML 56Page - Analog Devices AD5560JBCZ Datasheet HTML 57Page - Analog Devices AD5560JBCZ Datasheet HTML 58Page - Analog Devices AD5560JBCZ Datasheet HTML 59Page - Analog Devices AD5560JBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 56 of 68
Table 25. Alarm Status and Clear Alarm Status Register
Address
Register
Default
Data Bits, MSB first
0x43
Alarm status
0x0000
This register is a read-only register providing information on the status of the alarm functions and
the comparator outputs.
Bit
Name
Function
15
LTMPALM
Latched temperature alarm bit; if low, this bit indicates that an alarm event has
occurred.
14
TMPALM
Unlatched alarm bit; if low, these bit indicates that an alarm event is still
present.
13
LOSALM
Latched open-sense alarm bit; if low, indicates that an alarm event has
occurred.
12
OSALM
Unlatched open-sense alarm bit; if low, indicates that an alarm event is still
present.
11
LDUTALM
Latched DUTGND Kelvin sense alarm; if low, indicates that an alarm event has
occurred.
10
DUTALM
Unlatched DUTGND Kelvin sense alarm; if low, indicates that an alarm event is still
present.
9
LCLALM
Latched clamp alarm; if low, indicates that an alarm event has occurred.
8
CLALM
Unlatched clamp alarm; if low, indicates that an alarm event is still present.
7
LGRDALM
Latched guard alarm; if low, indicates that an alarm event has occurred.
6
GRDALM
Unlatched guard alarm; if low, indicates that an alarm event is still present.
5
CPOL
Comparator output low condition as per the comparator output pin.
4
CPOH
Comparator output high condition as per the comparator output pin.
3:0
Unused
Must be zeros.
0x44
Alarm status
and clear alarm
0x0000
This register is a read-only register providing information on the status of the alarm functions and
the comparator outputs. Reading this register also automatically clears any latched alarm pins or bits.
Bit
Name
Function
15
LTMPALM
Latched temperature alarm bit; if low, this bit indicates that an alarm event has
occurred.
14
TMPALM
Unlatched alarm bit; if low, these bit indicates that an alarm event is still
present.
13
LOSALM
Latched open-sense alarm bit; if low, indicates that an alarm event has
occurred.
12
OSALM
Unlatched open-sense alarm bit; if low, indicates that an alarm event is still
present.
11
LDUTALM
Latched DUTGND Kelvin sense alarm; if low, indicates that an alarm event has
occurred.
10
DUTALM
Unlatched DUTGND Kelvin sense alarm; if low, indicates that an alarm event is still
present.
9
LCLALM
Latched clamp alarm; if low, indicates that an alarm event has occurred.
8
CLALM
Unlatched clamp alarm; if low, indicates that an alarm event is still present.
7
LGRDALM
Latched guard alarm; if low, indicates that an alarm event has occurred.
6
GRDALM
Unlatched guard alarm; if low, indicates that an alarm event is still present.
5
CPOL
Comparator output low condition as per the comparator output pin.
4
CPOH
Comparator output high condition as per the comparator output pin.
3:0
Unused
Must be zeros.
0x45
CPL DAC x1
0x0000
D15 to D0.
0x46
CPL DAC m
0xFFFF
D15 to D0.
0x47
CPL DAC c
0x8000
D15 to D0.
0x48
CPH DAC x1
0xFFFF
D15 to D0.
0x49
CPH DAC m
0xFFFF
D15 to D0.
0x4A
CPH DAC c
0x8000
D15 to D0.
0x4B to
0x7F
Reserved
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com