Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5560JBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD5560JBCZ Datasheet HTML 1Page - Analog Devices AD5560JBCZ Datasheet HTML 2Page - Analog Devices AD5560JBCZ Datasheet HTML 3Page - Analog Devices AD5560JBCZ Datasheet HTML 4Page - Analog Devices AD5560JBCZ Datasheet HTML 5Page - Analog Devices AD5560JBCZ Datasheet HTML 6Page - Analog Devices AD5560JBCZ Datasheet HTML 7Page - Analog Devices AD5560JBCZ Datasheet HTML 8Page - Analog Devices AD5560JBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 5 of 68
SPECIFICATIONS
HCAVDDx ≤ (AVSS + 33 V), HCAVDDx ≤ AVDD, HCAVSSx ≥ AVSS, AVDD ≥ 8 V, AVSS ≤ −5 V, |AVDD − AVSS| ≥ 16 V and ≤ 33 V, DVCC =
2.3 V to 5.5 V, VREF = 5 V, gain (m), offset (c), and DAC offset registers are at default values; AGND = DGND = 0 V; TJ = 25°C to 90°C,
maximum specifications, unless otherwise noted. FSV is full-scale voltage, FSVR is full-scale voltage range, FSC is full-scale current, FSCR is
full-scale current range.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FORCE VOLTAGE
Force Output Voltage1
EXTFORCE1
AVSS + 2.25
AVDD − 2.25
V
Allow ±500 mV for external RSENSE voltage drop.
HCAVSS1x + 1.75
HCAVSS1x − 1.75
V
Allow ±500 mV for external RSENSE voltage drop.
HCAVSS1x + 1.25
HCAVDD1x − 1.25
V
Allow ±500 mV for external RSENSE voltage drop.
Reduced headroom/footroom, clamps must be
enabled.2
EXTFORCE2
AVSS + 2.25
AVDD − 2.25
V
Allow ±500 mV for external RSENSE voltage drop
HCAVSS2x + 1.75
HCAVDD2x − 1.75
V
Allow ±500 mV for external RSENSE voltage drop
HCAVSS2x + 1.25
HCAVDD2x − 1.25
V
Allow ±500 mV for external RSENSE voltage drop.
Reduced headroom/footroom, clamps must be
enabled.2
FORCE
AVSS + 2.75
AVDD − 2.75
V
Internal current ranges, includes ±500 mV for
internal RSENSE voltage drop
Headroom/Footroom1
−2.75
+2.75
V
Internal current ranges to AVDD/AVSS, includes
±500 mV for internal RSENSE voltage drop.
Headroom/Footroom1
−2.25
+2.25
V
External current ranges, EXTFORCE1/
EXTFORCE2 to HCAVDDx and HCAVSSx supplies;
includes ±500 mV for external RSENSE voltage drop.
Force Output Voltage Span
−22
+25
V
May be a skewed range but within headroom
requirements and maximum power dissipation
for current range.
Forced Voltage Linearity Error
−2
+2
mV
Forced Voltage Offset Error
−50
+50
mV
Uncalibrated, use c register to calibrate, meas-
ured at midscale.
Forced Voltage Offset Error Tempco1
27
μV/°C
Standard deviation = 23 μV/°C.
Forced Voltage Gain Error
−25
+25
mV
Uncalibrated, use m register to calibrate.
Forced Voltage Gain Error Tempco1
4
ppm/°C
Standard deviation = 3 ppm/°C.
Short-Circuit Current Limit3
Clamps off.
EXTFORCE1
−3.5
±2.7
+3.5
A
Positive and negative dc short-circuit current.
EXTFORCE2
−1.25
±0.9
+1.25
A
Positive and negative dc short-circuit current.
FORCE
−75
±50
+75
mA
±25 mA range, positive and negative dc short-
circuit current.
−20
±10
+20
mA
All other ranges, positive and negative dc
short-circuit current.
Active CFx Buffer
−64
+64
mA
DC Load Regulation1
−1
+1
mV
EXTFORCE1 range, ±1 A load current change.
−0.4
+0.4
mV
EXTFORCE2 range, ±0.5 A load current change.
Load Transient Response1
70
mV
1.2 A load step into 100 μF DUT capacitance
(10 mΩ ESR), autocompensation mode.
140
mV
1.2 A load step into 30 µF DUT capacitance
(10 mΩ ESR), autocompensation mode.
NSD1
350
nV/√Hz
Measured at 1 kHz, at output of FORCE.
MEASURE CURRENT RANGES
Sense resistors are trimmed to within 1%,
nominal ±500 mV VRSENSE.
Internal Sense Resistors1
100
kΩ
±5 µA current range.
20
kΩ
±25 µA current range.
2
kΩ
±250 µA current range.
200
Ω
±2.5 mA current range.
20
Ω
±25 mA current range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com