Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132WARMZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # AD8132WARMZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132WARMZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD8132WARMZ-R7 Datasheet HTML 25Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 26Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 27Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 28Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 29Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 30Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 31Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 32Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD8132
Rev. I | Page 29 of 32
FULL-WAVE RECTIFIER
If there is not enough forward bias (VOUT, cm too low), the lower
sharp cusps of the full-wave rectified output waveform are rounded
off. In addition, as the frequency increases, there tends to be some
rounding of the lower cusps. The forward bias can be increased
to yield sharper cusps at higher frequencies.
The balanced outputs of the AD8132, along with a couple of
Schottky diodes, can create a very high speed, full-wave rectifier.
Such circuits are useful for measuring ac voltages and other
computational tasks.
There is not a reliable, entirely quantifiable, means to measure
the performance of a full-wave rectifier. Because the ideal
waveform has periodic sharp discontinuities, it has (mostly
even) harmonics that have no upper bound on the frequency.
However, for a practical circuit, as the frequency increases, the
higher harmonics become attenuated and the sharp cusps that
are present at low frequencies become significantly rounded.
Figure 82 shows the configuration of such a circuit. Each of the
AD8132 outputs drives the anode of an HP2835 Schottky diode.
These Schottky diodes were chosen for their high speed operation.
At lower frequencies (approximately lower than 10 MHz), a silicon
signal diode, such as a 1N4148, can be used. The cathodes of the
two diodes are connected together, and this output node is
connected to ground by a 100 Ω resistor.
RG1
348Ω
RF1
348Ω
RF2
348Ω
RG2
348Ω
+5V
–5V
RL
100Ω
RT2
24.9Ω
RT1
49.9Ω
VIN
HP2835
VOUT
+5V
CR1
10kΩ
When running the circuit at a frequency up to 300 MHz, though it
stays functional, the major harmonic that remains in the output
is the second. This looks like a sine wave at 600 MHz. Figure 83 is
an oscilloscope plot of the output when driven by a 100 MHz,
2.5 V p-p input.
Sometimes a second harmonic generator is useful for creating a
clock to oversample a DAC by a factor of two. If the output of
this circuit is run through a low-pass filter, it can be used as a
second harmonic generator.
Figure 82. Full-Wave Rectifier
100mV
2ns
1V
Operate the diodes such that they are slightly forward-biased
when the differential output voltage is zero. For the Schottky
diodes, this is approximately 400 mV. The forward biasing is
conveniently adjusted by CR1, which, in this circuit, raises and
lowers VOUT, cm without creating a differential output voltage.
One advantage of this circuit is that the feedback loop is never
momentarily opened while the diodes reverse their polarity within
the loop. This scheme is sometimes used for full-wave rectifiers
that use conventional op amps. These conventional circuits do
not work well at frequencies above approximately 1 MHz.
Figure 83. Full-Wave Rectifier Response with 100 MHz Input
AUTOMOTIVE PRODUCTS
The AD8132W is qualified per the AEC-Q100 for use in
automotive applications. Custom variants of this product may
be available to meet stringent automotive performance and
quality requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com