Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132WARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8132WARMZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132WARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8132WARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AD8132
Rev. I | Page 17 of 32
300mV
5ns
VS = 3V
Figure 41. Large Signal Transient Response, G = +2
400mV
5ns
VS = +5V, ±5V
Figure 42. Large Signal Transient Response, G = +2
1V
5ns
VS = ±5V
VO, dm
V–OUT
V+OUT
V+DIN
Figure 43. Large Signal Transient Response, G = +2
2mV
5ns
VS = ±5V
G = +1
VO, dm = 2V p-p
RL, dm = 499Ω
5ns/DIV
0
5
10
15
20
25
30
35
40
Figure 44. 0.1% Settling Time
5ns
CL = 5pF
CL = 0pF
CL = 20pF
400mV
Figure 45. Large Signal Transient Response
for Various Capacitor Loads (See Figure 60)
FREQUENCY (MHz)
0.1
1
10
100
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1k
ΔVO, dm
ΔVS
+PSRR
–PSRR
+PSRR (VS = ±5V, +5V)
–PSRR (VS = ±5V)
Figure 46. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com