Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132WARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8132WARMZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132WARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8132WARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AD8132
Rev. I | Page 13 of 32
FREQUENCY (MHz)
110
100
25
20
15
10
5
0
–5
1k
VS = ±5V
VO, dm = 2V p-p
RL, dm = 200Ω
RG = 499Ω
–10
–15
G = +10, RF = 4.99kΩ
G = +5, RF = 2.49kΩ
G = +2, RF = 1kΩ
G = +1, RF = 499Ω
Figure 17. Large Signal Frequency Response for Various Gains
(See Figure 58)
FREQUENCY (MHz)
1
10
100
1k
–25
–30
–35
–40
–45
–50
–55
VS = ±5V
ΔVO, dm = 2V p-p
ΔVO, cm/ΔVO, dm
–60
–65
G = 1
G = 2
–70
–75
Figure 18. RTI Output Balance Error vs. Frequency (See Figure 59)
FREQUENCY (MHz)
0
506070
–40
–50
–60
–70
–80
–90
–100
20
30
40
10
–110
RL, dm = 800Ω
VO, dm = 1V p-p
HD3 (VS = 3V)
HD2 (VS = 3V)
HD2 (VS = 5V)
HD3 (VS = 5V)
Figure 19. Harmonic Distortion vs. Frequency, G = +1 (See Figure 62)
FREQUENCY (MHz)
050
–40
–50
–60
–70
–80
–90
–100
20
30
40
10
–110
60
70
RL, dm = 800Ω
VO, dm = 2V p-p
HD3 (VS = +5V)
HD2 (VS = ±5V)
HD2 (VS = +5V)
HD3 (VS = ±5V)
–30
Figure 20. Harmonic Distortion vs. Frequency, G = 1 (See Figure 62)
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
0.25
1.50
1.75
–40
–50
–60
–70
–80
–90
–100
0.75
1.00
1.25
0.50
–110
VS = 3V
RL, dm = 800Ω
HD3 (f = 20MHz)
HD2 (f = 20MHz)
HD2 (f = 5MHz)
HD3 (f = 5MHz)
Figure 21. Harmonic Distortion vs.
Differential Output Voltage, G = 1 (See Figure 62)
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
0
–40
–50
–60
–70
–80
–90
–100
234
1
–110
VS = 5V
RL, dm = 800Ω
HD3 (f = 20MHz)
HD2 (f = 20MHz)
HD2 (f = 5MHz)
HD3 (f = 5MHz)
Figure 22. Harmonic Distortion vs.
Differential Output Voltage, G = +1 (See Figure 62)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com