Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132WARMZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8132WARMZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132WARMZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8132WARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AD8132
Rev. I | Page 19 of 32
5ns
VO, dm (0.5V/DIV)
VIN, sm (1V/DIV)
VS = 5V
VIN = 2.5V STEP
G = +2
RF = 1kΩ
RL, dm = 200Ω
Figure 53. Overdrive Recovery
TEMPERATURE (°C)
15
13
5
–50
–30
90
–10
103050
70
11
9
7
VS = ±5V
VS = +5V
Figure 54. Supply Current vs. Temperature
TEMPERATURE (°C)
0
–0.5
–2.5
–40
–20
100
020
40
60
80
–1.0
–1.5
–2.0
VS = ±5V
VS = +5V
Figure 55. Differential Output Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com