Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132WARMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8132WARMZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132WARMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8132WARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8132WARMZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AD8132
Rev. I | Page 15 of 32
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
2
–50
–60
–70
–80
–90
–100
1
03
VS = 5V
RL, dm = 800Ω
–40
HD3 (f = 20MHz)
4
–110
–120
HD2 (f = 20MHz)
HD2 (f = 5MHz)
HD3 (f = 5MHz)
Figure 29. Harmonic Distortion vs.
Differential Output Voltage, G = +2 (See Figure 63)
DIFFERENTIAL OUTPUT VOLTAGE (V p-p)
2
–50
–60
–70
–80
–90
–100
1
03
VS = 5V
RL, dm = 800Ω
–40
HD3 (f = 20MHz)
4
–110
HD2 (f = 20MHz)
HD2 (f = 5MHz)
HD3 (f = 5MHz)
56
Figure 30. Harmonic Distortion vs.
Differential Output Voltage, G = +2 (See Figure 63)
RLOAD (Ω)
400
–50
–60
–70
–80
–90
–100
300
200
500
HD3 (f = 20MHz)
600
–110
HD2 (f = 20MHz)
HD2 (f = 5MHz)
HD3 (f = 5MHz)
700
800
VS = 5V
VO, dm = 2V p-p
900
1000
Figure 31. Harmonic Distortion vs. RLOAD, G = +2 (See Figure 63)
RLOAD (Ω)
400
–50
–60
–70
–80
–90
–100
300
200
500
HD3 (f = 20MHz)
600
–110
HD2 (f = 20MHz)
HD2 (f = 5MHz)
HD3 (f = 5MHz)
700
800
VS = ±5V
VO, dm = 2V p-p
900
1000
Figure 32. Harmonic Distortion vs. RLOAD, G = +2 (See Figure 63)
FREQUENCY (MHz)
10
19.5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
20.0
20.5
fC = 20MHz
VS = ±5V
RL, dm = 800Ω
Figure 33. Intermodulation Distortion, G = +1
FREQUENCY (MHz)
45
15
010
70
20
30
40
50
60
40
35
30
25
20
VS = ±5V, +5V
RL, dm = 800Ω
Figure 34. Third-Order Intercept vs. Frequency, G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com