Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP152 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP152
Description  Photocouplers GaA As Infrared LED & Photo IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP152 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP152 Datasheet HTML 1Page - Toshiba Semiconductor TLP152 Datasheet HTML 2Page - Toshiba Semiconductor TLP152 Datasheet HTML 3Page - Toshiba Semiconductor TLP152 Datasheet HTML 4Page - Toshiba Semiconductor TLP152 Datasheet HTML 5Page - Toshiba Semiconductor TLP152 Datasheet HTML 6Page - Toshiba Semiconductor TLP152 Datasheet HTML 7Page - Toshiba Semiconductor TLP152 Datasheet HTML 8Page - Toshiba Semiconductor TLP152 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP152
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP152
TLP152
TLP152
TLP152
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Plasma Display Panels (PDPs)
•
Transistor Inverters
•
MOSFET Gate Drivers
•
IGBT Gate Drivers
2.
2.
2.
2. General
General
General
General
The TLP152 is a photocoupler in a SO6 package that consists of a GaAℓAs infrared light-emitting diode(LED)
optically coupled to an integrated high-gain, high-speed photodetector IC chip.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Buffer logic type (Totem pole output)
(2)
Output peak current: ±2.5 A (max)
(3)
Operating temperature: -40 to 100 
(4)
Supply current: 3 mA (max)
(5)
Supply voltage: 10 to 30 V
(6)
Threshold input current: 7.5 mA(max)
(7)
Propagation delay time: tpHL = 190 ns (max), tpLH = 170 ns (max)
(8)
Common-mode transient immunity: ±20 kV/µs (min)
(9)
Isolation voltage: 3750 Vrms (min)
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-4L1S
1: Anode
3: Cathode
4: GND
5: VO(Output)
6: VCC
2012-09-14
Rev.3.0


Similar Part No. - TLP152

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TLP150 EMERSON-NETWORKPOWER-TLP150 Datasheet
837Kb / 4P
150 W on main channel with only 200 LFM
logo
Advanced Energy Industr...
TLP150 ADVANCEDENERGY-TLP150 Datasheet
540Kb / 7P
Single Output
logo
Emerson Network Power
TLP150-M EMERSON-NETWORKPOWER-TLP150-M Datasheet
784Kb / 4P
150 W on main channel with only 200 LFM
TLP150CJ EMERSON-NETWORKPOWER-TLP150CJ Datasheet
314Kb / 2P
TLP150CJ will fit the TLP150 power supplies
logo
Artesyn Technologies
TLP150CJ ARTESYN-TLP150CJ Datasheet
320Kb / 2P
TLP150CJ will fit the TLP150 power supplies
More results

Similar Description - TLP152

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com