Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP718 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP718
Description  TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP718 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP718 Datasheet HTML 1Page - Toshiba Semiconductor TLP718 Datasheet HTML 2Page - Toshiba Semiconductor TLP718 Datasheet HTML 3Page - Toshiba Semiconductor TLP718 Datasheet HTML 4Page - Toshiba Semiconductor TLP718 Datasheet HTML 5Page - Toshiba Semiconductor TLP718 Datasheet HTML 6Page - Toshiba Semiconductor TLP718 Datasheet HTML 7Page - Toshiba Semiconductor TLP718 Datasheet HTML 8Page - Toshiba Semiconductor TLP718 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP718
2012-12-19
1
Unit in mm
Weight:0.26 g (t yp.)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
TOSHIBA
11-5J1
TOSHIBA PHOTOCOUPLER GaAℓAs IRED & PHOTO-IC
TLP718
Isolated Bus Drivers
High Speed Line Receivers
Microprocessor System Interfaces
The Toshiba TLP718 consists of a GaAℓAs light-emitting diode and an
integrated high-gain, high-speed photodetector. This unit is a 6-pin SDIP. The
TLP718 is 50% smaller than the 8-PIN DIP and meets the reinforced insulation
class requirements of international safety standards. Therefore the mounting
area can be reduced in equipment requiring safety standard certification.
The detector has a totem pole output stage to provide both source and sink
driving. The detector IC has an internal shield that provides a guaranteed
common-mode transient immunity of 10 kV / μs.
The TLP718 is inverter logic type. For buffer logic type, the TLP715 is in
line-up.
Inverter logic type (totem pole output)
Guaranteed performance over temperature : −40 to 100°C
Power supply voltage : 4.5 to 20 V
Input current: IFHL = 3mA (Max.)
Switching time ( tpHL / tpLH) : 250 ns (Max.)
Common-mode transient immunity : ±10 kV/μs (Min)
Isolation voltage : 5000 Vrms (Min)
UL recognized
UL1577, File No.E67349
c-UL recognized
CSA Component Acceptance Service No. 5A, File No.E67349
Option (D4)
TÜV recognized / VDE under application : DIN EN60747-5-5
Maximum Operating Insulation Voltage : 890Vpk
Highest Permissible Over Voltage
: 8000Vpk
(Note) : When a EN60747-5-5 approved type is needed,
Please designate “Option(D4)”
Construction Mechanical Rating
7.62 mm pitch
standard type
10.16 mm pitch
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (Min)
7.0 mm (Min)
0.4 mm (Min)
8.0 mm (Min)
8.0 mm (Min)
0.4 mm (Min)
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
VCC
GND
SHIELD
1
3
4
5
6
2
1:ANODE
2:N.C.
3:CATHODE
4:GND
5:Vo (Output)
6:Vcc
Pin Configuration (Top View)
0.1
μF bypass capacitor must be
connected between pins 6 and 4. (Note 5)
Schematic
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
VF
Tr1
Tr2


Similar Part No. - TLP718

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results

Similar Description - TLP718

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP190B TOSHIBA-TLP190B Datasheet
124Kb / 5P
TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP551 TOSHIBA-TLP551 Datasheet
320Kb / 8P
PHOTOCOUPLER GaAAs IRED PHOTO IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com