Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773-EB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9773-EB
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773-EB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9773-EB Datasheet HTML 35Page - Analog Devices AD9773-EB Datasheet HTML 36Page - Analog Devices AD9773-EB Datasheet HTML 37Page - Analog Devices AD9773-EB Datasheet HTML 38Page - Analog Devices AD9773-EB Datasheet HTML 39Page - Analog Devices AD9773-EB Datasheet HTML 40Page - Analog Devices AD9773-EB Datasheet HTML 41Page - Analog Devices AD9773-EB Datasheet HTML 42Page - Analog Devices AD9773-EB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
AD9773
Rev. D | Page 39 of 60
INPUT
(REAL)
OUTPUT
(REAL)
OUTPUT
(IMAGINARY)
INPUT
(IMAGINARY)
90
°
e–jωt = COS
ωt + jSINωt
Figure 77. Implementation of a Complex Modulator
COMPLEX MODULATION AND IMAGE REJECTION
OF BASEBAND SIGNALS
In traditional transmit applications, a two-step upconversion is
done in which a baseband signal is modulated by one carrier to
an intermediate frequency (IF) and then modulated a second
time to the transmit frequency. Although this approach has
several benefits, a major drawback is that two images are
created near the transmit frequency. Only one image is needed,
the other being an exact duplicate. Unless the unwanted image
is filtered, typically with analog components, transmit power is
wasted and the usable bandwidth available in the system is
reduced.
A more efficient method of suppressing the unwanted image
can be achieved by using a complex modulator followed by a
quadrature modulator. Figure 78 is a block diagram of a
quadrature modulator. Note that it is in fact the real output
half of a complex modulator. The complete upconversion can
actually be referred to as two complex upconversion stages,
the real output of which becomes the transmitted signal.
INPUT
(REAL)
OUTPUT
INPUT
(IMAGINARY)
90
°
COS
ωt
SIN
ωt
Figure 78. Quadrature Modulator
The entire upconversion from baseband to transmit frequency is
represented graphically in Figure 79. The resulting spectrum
shown in Figure 79 represents the complex data consisting of the
baseband real and imaginary channels, now modulated onto
orthogonal (cosine and negative sine) carriers at the transmit
frequency. It is important to remember that in this application (two
baseband data channels) the image rejection is not dependent on
the data at either of the AD9773 input channels. In fact, image
rejection still occurs with either one or both of the AD9773 input
channels active. Note that by changing the sign of the sinusoidal
multiplying term in the complex modulator, the upper sideband
image could be suppressed while passing the lower one. This is
easily done in the AD9773 by selecting the e+jωt bit (Register 01h, Bit
1). In purely complex terms, Figure 79 represents the two-stage
upconversion from complex baseband to carrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com