Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773-EB Datasheet(PDF) 21 Page - Analog Devices

Part # AD9773-EB
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773-EB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9773-EB Datasheet HTML 17Page - Analog Devices AD9773-EB Datasheet HTML 18Page - Analog Devices AD9773-EB Datasheet HTML 19Page - Analog Devices AD9773-EB Datasheet HTML 20Page - Analog Devices AD9773-EB Datasheet HTML 21Page - Analog Devices AD9773-EB Datasheet HTML 22Page - Analog Devices AD9773-EB Datasheet HTML 23Page - Analog Devices AD9773-EB Datasheet HTML 24Page - Analog Devices AD9773-EB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
AD9773
Rev. D | Page 21 of 60
Address 03h
Bit 7:
Allows the data rate clock (divided down from the DAC
clock) to be output at either the DATACLK pin (Pin 8) or at the
SPI_SDO pin (Pin 53). The default of 0 in this bit enables the
data rate clock at DATACLK, while a 1 in this bit causes the data
rate clock to be output at SPI_SDO. For more information, see
the Two-Port Data Input Mode section.
Bit 1 and Bit 0:
Setting this divide ratio to a higher number
allows the VCO in the PLL to run at a high rate (for best perform-
ance), while the DAC input and output clocks run substantially
slower. The divider ratio is set according to Table 12.
Table 12.
00
÷1
01
÷2
10
÷4
11
÷8
Address 04h
Bit 7:
Logic 0 (default) disables the internal PLL. Logic 1
enables the PLL.
Bit 6:
Logic 0 (default) sets the charge pump control to
automatic. In this mode, the charge pump bias current is
controlled by the divider ratio defined in Address 03h, Bits 1
and 0. Logic 1 allows the user to manually define the charge
pump bias current using Address 04h, Bits 2, 1, and 0. Adjusting
the charge pump bias current allows the user to optimize the
noise/settling performance of the PLL.
Bit 2, Bit 1, and Bit 0
: With the charge pump control set to
manual, these bits define the charge pump bias current
according to Table 13.
Table 13.
000
50 μA
001
100 μA
010
200 μA
011
400 μA
111
800 μA
Address 05h, 09h
Bit 7, Bit 6, Bit 5, Bit 4, Bit 3, Bit 2, Bit 1, and Bit 0:
These bits
represent an 8-bit binary number (Bit 7 MSB) that defines the
fine gain adjustment of the I (05h) and Q (09h) DAC according
to Equation 1.
Address 06h, 0Ah
Bit 3, Bit 2, Bit 1, and Bit 0:
These bits represent a 4-bit binary
number (Bit 3 MSB) that defines the coarse gain adjustment of
the I (06h) and Q (0Ah) DACs according to Equation 1.
Address 07h, 0Bh
Bit 7, Bit 6, Bit 5, Bit 4, Bit 3, Bit 2, Bit 1, and Bit 0:
These bits
are used in conjunction with Address 08h, Address 0Ch, Bits [1:0].
Address 08h, 0Ch
Bit 1 and Bit 0:
The 10 bits from these two address pairs (07h,
08h and 0Bh, 0Ch) represent a 10-bit binary number that
defines the offset adjustment of the I and Q DACs according to
Equation 1: (07h, 0Bh: Bit 7 MSB; 08h, 0Ch: Bit 0 LSB).
Address 08h, 0Ch
Bit 7:
This bit determines the direction of the offset of the I (08h)
and Q (0Ch) DACs. A Logic 0 applies a positive offset current to
IOUTA, while a Logic 1 applies a positive offset current to IOUTB.
The magnitude of the offset current is defined by the bits in
Addresses 07h, 0Bh, 08h, and 0Ch according to Equation 1.
Equation 1 shows IOUTA and IOUTB as a function of fine gain,
coarse gain, and offset adjustment when using 2R mode. In 1R
mode, the current IREF is created by a single FSADJ1 resistor
(Pin 60). This current is divided equally into each channel so
that a scaling factor of one-half must be added to these
equations for full-scale currents for both DACs and the offset.
)
(
1024
4
)
(
2
1
2
24
1024
256
32
3
16
1
8
6
)
(
2
24
1024
256
32
3
16
1
8
6
12
12
12
A
OFFSET
I
I
A
DATA
FINE
I
COARSE
I
I
A
DATA
FINE
I
COARSE
I
I
REF
OFFSET
REF
REF
OUTB
REF
REF
OUTA
⎟
⎠
⎞
⎜
⎝
⎛
×
=
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
⎟
⎠
⎞
⎜
⎝
⎛
×
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛ ×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
⎟
⎠
⎞
⎜
⎝
⎛ ×
=
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
×
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛ ×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
⎟
⎠
⎞
⎜
⎝
⎛ ×
=
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com