Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773-EB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9773-EB
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773-EB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9773-EB Datasheet HTML 19Page - Analog Devices AD9773-EB Datasheet HTML 20Page - Analog Devices AD9773-EB Datasheet HTML 21Page - Analog Devices AD9773-EB Datasheet HTML 22Page - Analog Devices AD9773-EB Datasheet HTML 23Page - Analog Devices AD9773-EB Datasheet HTML 24Page - Analog Devices AD9773-EB Datasheet HTML 25Page - Analog Devices AD9773-EB Datasheet HTML 26Page - Analog Devices AD9773-EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
AD9773
Rev. D | Page 23 of 60
INSTRUCTION BYTE
The instruction byte contains the information shown in
Table 15.
Table 15.
N1
N0
Description
0
0
Transfer 1 Byte
0
1
Transfer 2 Bytes
1
0
Transfer 3 Bytes
1
1
Transfer 4 Bytes
R/W
Bit 7 of the instruction byte determines whether a read or a
write data transfer occurs after the instruction byte write.
Logic 1 indicates read operation. Logic 0 indicates a write
operation.
N1, N0
Bits 6 and 5 of the instruction byte determine the number of
bytes to be transferred during the data transfer cycle. The bit
decodes are shown in the following table.
MSB
LSB
I7
I6
I5
I4
I3
I2
I1
I0
R/W
N1
N0
A4
A3
A2
A1
A0
A4, A3, A2, A1, and A0
Bits 4, 3, 2, 1, and 0 of the instruction byte determine which
register is accessed during the data transfer portion of the
communications cycle. For multibyte transfers, this address is
the starting byte address. The remaining register addresses are
generated by the AD9773.
SERIAL INTERFACE PORT PIN DESCRIPTIONS
SPI_CLK (Pin 55)—Serial Clock
The serial clock pin is used to synchronize data to and from the
AD9773 and to run the internal state machines. The SPI_CLK
maximum frequency is 15 MHz. All data input to the AD9773
is registered on the rising edge of SPI_CLK. All data is driven
out of the AD9773 on the falling edge of SPI_CLK.
SPI_CSB (Pin 56)—Chip Select
Active low input starts and gates a communication cycle. It
allows more than one device to be used on the same serial
communications lines.
The SPI_SDO and SPI_SDIO pins go to a high impedance state
when this input is high. Chip select should stay low during the
entire communication cycle.
SPI_SDIO (Pin 54)—Serial Data I/O
Data is always written into the AD9773 on this pin. However,
this pin can be used as a bidirectional data line. The configura-
tion of this pin is controlled by Bit 7 of Register Address 00h.
The default is Logic 0, which configures the SDIO pin as
unidirectional.
SPI_SDO (Pin 53)—Serial Data Out
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. In the case where the
AD9773 operates in a single bidirectional I/O mode, this pin
does not output data and is set to a high impedance state.
MSB/LSB TRANSFERS
The AD9773 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by the first LSB bit in Register 0. The
default is MSB first.
When this bit is set active high, the AD9773 serial port is in LSB
first format. In LSB first mode, the instruction byte and data
bytes must be written from LSB to MSB. In LSB first mode, the
serial port internal byte address generator increments for each
byte of the multibyte communication cycle.
When this bit is set default low, the AD9773 serial port is
in MSB first format. In MSB first mode, the instruction byte
and data bytes must be written from MSB to LSB. In MSB
first mode, the serial port internal byte address generator
decrements for each byte of the multibyte communication cycle.
When incrementing from 1Fh, the address generator changes to
00h. When decrementing from 00h, the address generator
changes to 1Fh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com