Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773-EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9773-EB
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773-EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9773-EB Datasheet HTML 18Page - Analog Devices AD9773-EB Datasheet HTML 19Page - Analog Devices AD9773-EB Datasheet HTML 20Page - Analog Devices AD9773-EB Datasheet HTML 21Page - Analog Devices AD9773-EB Datasheet HTML 22Page - Analog Devices AD9773-EB Datasheet HTML 23Page - Analog Devices AD9773-EB Datasheet HTML 24Page - Analog Devices AD9773-EB Datasheet HTML 25Page - Analog Devices AD9773-EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
AD9773
Rev. D | Page 22 of 60
FUNCTIONAL DESCRIPTION
The AD9773 dual interpolating DAC consists of two data
channels that can be operated completely independently or
coupled to form a complex modulator in an image reject
transmit architecture. Each channel includes three FIR filters,
making the AD9773 capable of 2×, 4×, or 8× interpolation.
High speed input and output data rates can be achieved within
the limitations shown in Table 14.
Table 14.
Interpolation Rate
(MSPS)
Input Data Rate
(MSPS)
DAC Sample Rate
(MSPS)
1×
160
160
2×
160
320
4×
100
400
8×
50
400
Both data channels contain a digital modulator capable of
mixing the data stream with an LO of fDAC/2, fDAC/4, or fDAC/8,
where fDAC is the output data rate of the DAC. A zero stuffing
feature is also included and can be used to improve pass-band
flatness for signals being attenuated by the SIN(x)/x charac-
teristic of the DAC output. The speed of the AD9773, combined
with its digital modulation capability, enables direct IF
conversion architectures at 70 MHz and higher.
The digital modulators on the AD9773 can be coupled to form
a complex modulator. By using this feature with an external
analog quadrature modulator, such as Analog Devices’ AD8345,
an image rejection architecture can be enabled. To optimize the
image rejection capability, as well as LO feedthrough in this
architecture, the AD9773 offers programmable (via the SPI
port) gain and offset adjust for each DAC.
Also included on the AD9773 are a phase-locked loop (PLL)
clock multiplier and a 1.20 V band gap voltage reference. With
the PLL enabled, a clock applied to the CLK+/CLK− inputs is
frequency multiplied internally and generates all necessary
internal synchronization clocks. Each 12-bit DAC provides two
complementary current outputs whose full-scale currents can
be determined either from a single external resistor or inde-
pendently from two separate resistors (see the 1R/2R Mode
section). The AD9773 features a low jitter, differential clock
input that provides excellent noise rejection while accepting a
sine or square wave input. Separate voltage supply inputs are
provided for each functional block to ensure optimum noise
and distortion performance.
Sleep and power-down modes can be used to turn off the DAC
output current (sleep) or the entire digital and analog sections
(power-down) of the chip. An SPI-compliant serial port is used
to program the many features of the AD9773. Note that in
power-down mode, the SPI port is the only section of the chip
still active.
SDO (PIN 53)
SDIO (PIN 54)
SPI_CLK (PIN 55)
CSB (PIN 56)
AD9773 SPI PORT
INTERFACE
Figure 32. SPI Port Interface
SERIAL INTERFACE FOR REGISTER CONTROL
The AD9773 serial port is a flexible, synchronous serial
communications port that allows an easy interface to many
industry-standard microcontrollers and microprocessors.
The serial I/O is compatible with most synchronous transfer
formats, including both the Motorola SPI and Intel® SSR
protocols. The interface allows read/write access to all registers
that configure the AD9773. Single- or multiple-byte transfers
are supported as well as MSB first or LSB first transfer formats.
The AD9773’s serial interface port can be configured as a single
pin I/O (SDIO) or two unidirectional pins for I/O (SDIO/SDO).
GENERAL OPERATION OF THE SERIAL INTERFACE
There are two phases to a communication cycle with the
AD9773. Phase 1 is the instruction cycle, which is the writing of
an instruction byte into the AD9773 coincident with the first
eight SCLK rising edges. The instruction byte provides the
AD9773 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication
cycle. The Phase 1 instruction byte defines whether the upcom-
ing data transfer is read or write, the number of bytes in the
data transfer, and the starting register address for the first byte
of the data transfer. The first eight SCLK rising edges of each
communication cycle are used to write the instruction byte into
the AD9773.
A Logic 1 on the SPI_CSB pin, followed by a logic low, resets
the SPI port timing to the initial state of the instruction cycle.
This is true regardless of the present state of the internal
registers or the other signal levels present at the inputs to the
SPI port. If the SPI port is in the middle of an instruction cycle
or a data transfer cycle, none of the present data is written.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD9773 and
the system controller. Phase 2 of the communication cycle is a
transfer of one to four data bytes, as determined by the instruction
byte. Normally, using one multibyte transfer is the preferred
method. However, single byte data transfers are useful to reduce
CPU overhead when register access requires one byte only.
Registers change immediately upon writing to the last bit of each
transfer byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com