Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773-EB Datasheet(PDF) 41 Page - Analog Devices

Part # AD9773-EB
Description  12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773-EB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9773-EB Datasheet HTML 37Page - Analog Devices AD9773-EB Datasheet HTML 38Page - Analog Devices AD9773-EB Datasheet HTML 39Page - Analog Devices AD9773-EB Datasheet HTML 40Page - Analog Devices AD9773-EB Datasheet HTML 41Page - Analog Devices AD9773-EB Datasheet HTML 42Page - Analog Devices AD9773-EB Datasheet HTML 43Page - Analog Devices AD9773-EB Datasheet HTML 44Page - Analog Devices AD9773-EB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
AD9773
Rev. D | Page 41 of 60
COMPLEX BASEBAND
SIGNAL
OUTPUT = REAL
= REAL
FREQUENCY
1
1/2
1/2
–
ω1– ω2DC
× ej(ω1 + ω2)t
ω1 + ω2
Figure 80. Two-Stage Complex Upconversion
IMAGE REJECTION AND SIDEBAND SUPPRESSION
OF MODULATED CARRIERS
As shown in Figure 79, image rejection can be achieved by
applying baseband data to the AD9773 and following the
AD9773 with a quadrature modulator. To process multiple
carriers while still maintaining image reject capability, each
carrier must be complex modulated. As Figure 81 shows, single
or multiple complex modulators can be used to synthesize
complex carriers. These complex carriers are then summed and
applied to the real and imaginary inputs of the AD9773.
A system in which multiple baseband signals are complex
modulated and then applied to the AD9773 real and imaginary
inputs followed by a quadrature modulator is shown in
Figure 82, which also describes the transfer function of this
system and the spectral output. Note the similarity of the
transfer functions given in Figure 82 and Figure 80. Figure 82
adds an additional complex modulator stage for the purpose of
summing multiple carriers at the AD9773 inputs. Also, as in
Figure 79, the image rejection is not dependent on the real or
imaginary baseband data on any channel. Image rejection on a
channel occurs if either the real or imaginary data, or both, is
present on the baseband channel.
It is important to remember that the magnitude of a complex
signal can be 1.414× the magnitude of its real or imaginary
components. Due to this 3 dB increase in signal amplitude, the
real and imaginary inputs to the AD9773 must be kept at least
3 dB below full scale when operating with the complex
modulator. Overranging in the complex modulator results in
severe distortion at the DAC output.
BASEBAND CHANNEL 1
REAL INPUT
BASEBAND CHANNEL 2
REAL INPUT
BASEBAND CHANNEL N
REAL INPUT
IMAGINARY INPUT
IMAGINARY INPUT
IMAGINARY INPUT
COMPLEX
MODULATOR 1
COMPLEX
MODULATOR 2
COMPLEX
MODULATOR N
R(1)
R(1)
R(2)
R(2)
R(N)
R(N)
MULTICARRIER
REAL OUTPUT =
R(1) + R(2) + . . .R(N)
(TO REAL INPUT OF AD9773)
MULTICARRIER
IMAGINARY OUTPUT =
I(1) + I(2) + . . .I(N)
(TO IMAGINARY INPUT OF AD9773)
R(N) = REAL OUTPUT OF N
I(N) = IMAGINARY OUTPUT OF N
Figure 81. Synthesis of Multicarrier Complex Signal
MULTIPLE
BASEBAND
CHANNELS
MULTIPLE
COMPLEX
MODULATORS
FREQUENCY =
ω
1, ω2...ωN
REAL
IMAGINARY
REAL
OUTPUT = REAL
IMAGINARY
REAL
REAL
IMAGINARY
AD9773
COMPLEX
MODULATOR
FREQUENCY =
ω
C
QUADRATURE
MODULATOR
FREQUENCY =
ω
Q
COMPLEX BASEBAND
SIGNAL
REJECTED IMAGES
DC
×
ej(ωN + ωC + ωQ)t
–
ω
1 – ωC – ωQ
ω
1 + ωC + ωQ
Figure 82. Image Rejection with Multicarrier Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com