Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZRL Datasheet(PDF) 32 Page - Analog Devices

Part # AD9974BBCZRL
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZRL Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9974BBCZRL Datasheet HTML 28Page - Analog Devices AD9974BBCZRL Datasheet HTML 29Page - Analog Devices AD9974BBCZRL Datasheet HTML 30Page - Analog Devices AD9974BBCZRL Datasheet HTML 31Page - Analog Devices AD9974BBCZRL Datasheet HTML 32Page - Analog Devices AD9974BBCZRL Datasheet HTML 33Page - Analog Devices AD9974BBCZRL Datasheet HTML 34Page - Analog Devices AD9974BBCZRL Datasheet HTML 35Page - Analog Devices AD9974BBCZRL Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AD9974
Rev. A | Page 32 of 52
Variable Gain Amplifier
Optical Black Clamp
The VGA stage provides a gain range of approximately 6 dB to
42 dB, programmable with 10-bit resolution through the serial
digital interface. A gain of 6 dB is needed to match a 1 V input
signal with the ADC full-scale range of 2 V. When compared to
1 V full-scale systems, the equivalent gain range is 0 dB to 36 dB.
The optical black clamp loop is used to remove residual offsets
in the signal chain and track low frequency variations in the
CCD black level. During the optical black (shielded) pixel interval
on each line, the ADC output is compared with a fixed black
level reference, selected by the user in the clamp level register.
The value can be programmed between 0 LSB and 1023 LSB in
1023 steps.
The VGA gain curve follows a linear-in-dB characteristic. The
exact VGA gain is calculated for any gain register value by
The resulting error signal is filtered to reduce noise, and the
correction value is applied to the ADC input through a DAC.
Normally, the optical black clamp loop is turned on once per
horizontal line, but this loop can be updated more slowly to suit
a particular application. If external digital clamping is used during
postprocessing, the AD9974 optical black clamping can be disabled
using Bit 3 in AFE Register Address 0x00. When the loop is
disabled, the clamp level register can still be used to provide
fixed offset adjustment.
Gain (dB) = (0.0359 × Code) + 5.1 dB
where Code is the range of 0 to 1023.
VGA GAIN REGISTER CODE
42
36
30
24
18
12
6
0
127
255
383
511
639
767
895
1023
Note that if the CLPOB loop is disabled, higher VGA gain
settings reduce the dynamic range because the uncorrected
offset in the signal path is gained up.
The CLPOB pulse should be aligned with the optical black
pixels of the CCD. It is recommended that the CLPOB pulse
duration be at least 20 pixels wide. Shorter pulse widths can be
used, but the ability of the loop to track low frequency variations
in the black level is reduced. See the Horizontal Clamping and
Blanking section for more timing information.
Figure 47. VGA Gain Curve
ADC
Digital Data Outputs
The AD9974 uses a high performance ADC architecture opti-
mized for high speed and low power. Differential nonlinearity
(DNL) performance is typically better than 0.5 LSB. The ADC
uses a 2 V input range. See Figure 5, Figure 6, and Figure 7 for
typical noise performance and linearity plots for the AD9974.
The AD9974 digital output data is latched using the DOUTPHASE
register value, as shown in Figure 38. Output data timing is shown
in Figure 22. The switching of the data outputs can couple noise
back into the analog signal path. To minimize any switching
noise while using default SHPLOC and SHDLOC, it is
recommended that the DOUTPHASEP register be set to a value
between 36 and 47. Other settings can produce good results, but
experimentation is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com