Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZRL Datasheet(PDF) 22 Page - Analog Devices

Part # AD9974BBCZRL
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZRL Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9974BBCZRL Datasheet HTML 18Page - Analog Devices AD9974BBCZRL Datasheet HTML 19Page - Analog Devices AD9974BBCZRL Datasheet HTML 20Page - Analog Devices AD9974BBCZRL Datasheet HTML 21Page - Analog Devices AD9974BBCZRL Datasheet HTML 22Page - Analog Devices AD9974BBCZRL Datasheet HTML 23Page - Analog Devices AD9974BBCZRL Datasheet HTML 24Page - Analog Devices AD9974BBCZRL Datasheet HTML 25Page - Analog Devices AD9974BBCZRL Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
AD9974
Rev. A | Page 22 of 52
HBLK Mode 1 Operation
Enable multiple repeats of the HBLK signal by setting
HBLK_MODE to 1. In this mode, the HBLK pattern can be
generated using a different set of registers: HBLKSTART,
HBLKEND, HBLKLEN, and HBLKREP, along with the six
toggle positions (see Figure 28).
Separate toggle positions are available for even and odd lines.
If alternation is not needed, load the same values into the registers
for even (HBLKTOGE) and odd (HBLKTOGO) lines.
Generating HBLK Line Alternation
HBLK Mode 0 and HBLK Mode 1 provide the ability to
alternate different HBLK toggle positions on even and odd
lines. Separate toggle positions are available for even and odd
lines. If even/odd line alternation is not required, load the same
values into the registers for even (HBLKTOGE) and odd
(HBLKTOGO) lines.
Increasing H-Clock Width During HBLK
HBLK Mode 0 and HBLK Mode 1 allow the H1 to H4 pulse
width to be increased during the HBLK interval. As shown in
Figure 29, the H-clock frequency can be reduced by a factor of
1/2, 1/4, 1/6, 1/8, 1/10, 1/12, and so on, up to 1/30. To enable this
feature, the HCLK_WIDTH register (Address 0x34[7:4]) is set to
a value between 1 and 15. When this register is set to 0, the wide
HCLK feature is disabled. The reduced frequency occurs only for
H1 to H4 pulses that are located within the HBLK area.
The HCLK_WIDTH register is generally used in conjunction
with special HBLK patterns to generate vertical and horizontal
mixing in the CCD.
Note that the wide HCLK feature is available only in HBLK Mode 0
and HBLK Mode 1, not in HBLK Mode 2.
Table 13. HCLK Width Register
Register
Length (Bits)
Description
HCLK_WIDTH
4
Controls H1 to H4 width during HBLK as a fraction of pixel rate.
0 = same frequency as pixel rate.
1 = 1/2 pixel frequency, that is, doubles the HCLK pulse width.
2 = 1/4 pixel frequency.
3 = 1/6 pixel frequency.
4 = 1/8 pixel frequency.
5 = 1/10 pixel frequency.
…
15 = 1/30 pixel frequency.
HBLK
H-BLANK REPEATING PATTERN IS CREATED USING HBLKLEN AND HBLKREP REGISTERS.
H1/H3
H2/H4
HBLKSTART HBLKTOGE1
HBLKTOGE2
HBLKEND
HBLKTOGE3
HBLKTOGE4
HBLKLEN
HBLKREP NUMBER 1
HBLKREP NUMBER 2
HBLKREP NUMBER 3
HBLKREP = 3
Figure 28. HBLK Repeating Pattern Using HBLKMODE = 1
HBLK
H-CLOCK FREQUENCY CAN BE REDUCED DURING HBLK BY 1/2 (AS SHOWN),
1/4, 1/6, 1/8, 1/10, 1/12, AND SO ON, UP TO 1/30 USING HBLKWIDTH REGISTER.
H1/H3
H2/H4
1/FPIX
2 × (1/FPIX)
Figure 29. Generating Wide H-Clock Pulses During HBLK Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com