Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZRL Datasheet(PDF) 39 Page - Analog Devices

Part # AD9974BBCZRL
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZRL Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9974BBCZRL Datasheet HTML 35Page - Analog Devices AD9974BBCZRL Datasheet HTML 36Page - Analog Devices AD9974BBCZRL Datasheet HTML 37Page - Analog Devices AD9974BBCZRL Datasheet HTML 38Page - Analog Devices AD9974BBCZRL Datasheet HTML 39Page - Analog Devices AD9974BBCZRL Datasheet HTML 40Page - Analog Devices AD9974BBCZRL Datasheet HTML 41Page - Analog Devices AD9974BBCZRL Datasheet HTML 42Page - Analog Devices AD9974BBCZRL Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD9974
Rev. A | Page 39 of 52
3-WIRE SERIAL INTERFACE TIMING
All of the internal registers of the AD9974 are accessed through
a 3-wire serial interface. Each register consists of a 12-bit address
and a 28-bit data-word. Both the 12-bit address and 28-bit data-
word are written starting with the LSB. To write to each register,
a 40-bit operation is required, as shown in Figure 52. Although
many registers are fewer than 28 bits wide, all 28 bits must be
written for each register. For example, if the register is only 20 bits
wide, the upper eight bits are don’t cares and must be filled with
0s during the serial write operation. If fewer than 28 data bits
are written, the register is not updated with new data.
Figure 53 shows a more efficient way to write to the registers,
using the AD9974 address auto-increment capability. Using this
method, the lowest desired address is written first, followed by
multiple 28-bit data-words. Each new 28-bit data-word is
automatically written to the next highest register address. By
eliminating the need to write each 12-bit address, faster register
loading is achieved. Continuous write operations can be used,
starting with any register location.
A4
A5
A2
A3
SDATA
A0A1
A6
A8A9
A10
A11
D0
D1
D2
D3
D25
D26
D27
SL
A7
tLS
tDS
12-BIT ADDRESS
28-BIT DATA
5
40
6
7
8
9
10
11
1213141516
38
39
tLH
tDH
NOTES
1. SDATA BITS ARE LATCHED ON SCK RISING EDGES. SCK CAN IDLE HIGH OR LOW BETWEEN WRITE OPERATIONS.
2. ALL 40 BITS MUST BE WRITTEN: 12 BITS FOR ADDRESS AND 28 BITS FOR DATA.
3. IF THE REGISTER LENGTH IS <28 BITS, THEN ZEROS MUST BE USED TO COMPLETE THE 28-BIT DATA LENGTH.
4. NEW DATA VALUES ARE UPDATED IN THE SPECIFIED REGISTER LOCATION AT DIFFERENT TIMES, DEPENDING ON THE
PARTICULAR REGISTER WRITTEN TO. SEE THE UPDATING OF NEW REGISTER VALUES SECTION FOR MORE INFORMATION.
SCK
12
34
Figure 52. Serial Write Operation
SDATA
A0A1
A2
A10
A11
D0D1
D26
D27
SCK
SL
A3
NOTES
1. MULTIPLE SEQUENTIAL REGISTERS CAN BE LOADED CONTINUOUSLY.
2. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 28-BIT DATA-WORDS.
3. THE ADDRESS AUTOMATICALLY INCREMENTS WITH EACH 28-BIT DATA-WORD (ALL 28 BITS MUST BE WRITTEN).
4. SL IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED.
D0
D1
D26
D27
D0
DATA FOR STARTING
REGISTER ADDRESS
DATA FOR NEXT
REGISTER ADDRESS
D2
D1
1
40
2
3
4
11
121314
39
42
41
68
67
70
69
71
Figure 53. Continuous Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com