Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZRL Datasheet(PDF) 13 Page - Analog Devices

Part # AD9974BBCZRL
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZRL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9974BBCZRL Datasheet HTML 9Page - Analog Devices AD9974BBCZRL Datasheet HTML 10Page - Analog Devices AD9974BBCZRL Datasheet HTML 11Page - Analog Devices AD9974BBCZRL Datasheet HTML 12Page - Analog Devices AD9974BBCZRL Datasheet HTML 13Page - Analog Devices AD9974BBCZRL Datasheet HTML 14Page - Analog Devices AD9974BBCZRL Datasheet HTML 15Page - Analog Devices AD9974BBCZRL Datasheet HTML 16Page - Analog Devices AD9974BBCZRL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AD9974
Rev. A | Page 13 of 52
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Therefore,
every code must have a finite width. No missing codes guaranteed
to 14-bit resolution indicates that all 16,384 codes, each for its
respective input, must be present over all operating conditions.
Peak Nonlinearity
Peak nonlinearity, a full signal chain specification, refers to the
peak deviation of the output of the AD9974 from a true straight
line. The point used as zero scale occurs 0.5 LSB before the first
code transition. Positive full scale is defined as a level 1 LSB
and 0.5 LSB beyond the last code transition. The deviation is
measured from the middle of each particular output code to the
true straight line. The error is then expressed as a percentage
of the 2 V ADC full-scale signal. The input signal is always
appropriately gained up to fill the ADC full-scale range.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be
converted to an equivalent voltage using the relationship
1 LSB = (ADC Full Scale/2n Codes)
where n is the bit resolution of the ADC. For the AD9974,
1 LSB is approximately 122.0 μV.
Linearity Mismatch
The linearity mismatch is calculated by taking the difference in
INL of the two channels at Input X, and then expressing the
difference as a percentage of the output code at X. The values
given in Table 2 are obtained over the range of 1⁄16 and
maximum of the output code. The general trend is for the
linearity mismatch to decrease as the output approaches the
maximum code, as shown in Figure 8.
)
(
)
(
)
(
(%)
X
Code
Output
X
B
INL
X
A
INL
Mismatch
Linearity
−
=
CHANNEL B
INPUT VOLTAGE
XFS
INL A(X)
INL B(X)
OUTPUT (X)
MAX/16
0
0
MAX
CHANNEL A
IDEAL
Figure 13. Linearity Mismatch Definition
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins. The PSR specification is calculated from the change in the
data outputs for a given step change in the supply voltage.
Crosstalk
The crosstalk is measured while applying a full-scale step to
one channel and measuring the interference on the opposite
channel.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
384
,
16
)
(
log
20
)
dB
(
LSB
ce
Interferen
Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com