Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974BBCZRL Datasheet(PDF) 21 Page - Analog Devices

Part # AD9974BBCZRL
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZRL Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9974BBCZRL Datasheet HTML 17Page - Analog Devices AD9974BBCZRL Datasheet HTML 18Page - Analog Devices AD9974BBCZRL Datasheet HTML 19Page - Analog Devices AD9974BBCZRL Datasheet HTML 20Page - Analog Devices AD9974BBCZRL Datasheet HTML 21Page - Analog Devices AD9974BBCZRL Datasheet HTML 22Page - Analog Devices AD9974BBCZRL Datasheet HTML 23Page - Analog Devices AD9974BBCZRL Datasheet HTML 24Page - Analog Devices AD9974BBCZRL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
AD9974
Rev. A | Page 21 of 52
Register
Length (Bits)
Range
Description
HBLKTOGO1
13
0 to 8191 pixel location
First HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO2
13
0 to 8191 pixel location
Second HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO3
13
0 to 8191 pixel location
Third HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO4
13
0 to 8191 pixel location
Fourth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO5
13
0 to 8191 pixel location
Fifth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGO6
13
0 to 8191 pixel location
Sixth HBLK toggle position for odd lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE1
13
0 to 8191 pixel location
First HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE2
13
0 to 8191 pixel location
Second HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE3
13
0 to 8191 pixel location
Third HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE4
13
0 to 8191 pixel location
Fourth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE5
13
0 to 8191 pixel location
Fifth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
HBLKTOGE6
13
0 to 8191 pixel location
Sixth HBLK toggle position for even lines in HBLK Mode 0 and HBLK Mode 1.
RA0H1REPA/B/C
12
0 to 15 HCLK pulses
for each A, B, and C
HBLK Repeat Area 0. Number of H1 repetitions for HBLKSTARTA/B/C in
HBLK Mode 2 for even lines; odd lines are defined using HBLKALT_PAT.
[3:0] RA0H1REPA. Number of H1 pulses following HBLKSTARTA.
[7:4] RA0H1REPB. Number of H1 pulses following HBLKSTARTB.
[11:8] RA0H1REPC. Number of H1 pulses following HBLKSTARTC.
RA1H1REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 1. Number of H1 repetitions for HBLKSTARTA/B/C.
RA2H1REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 2. Number of H1 repetitions for HBLKSTARTA/B/C.
RA3H1REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 3. Number of H1 repetitions for HBLKSTARTA/B/C.
RA4H1REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 4. Number of H1 repetitions for HBLKSTARTA/B/C.
RA5H1REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 5. Number of H1 repetitions for HBLKSTARTA/B/C.
RA0H2REPA/B/C
12
0 to 15 HCLK pulses
for each A, B, and C
HBLK Repeat Area 0. Number of H2 repetitions for HBLKSTARTA/B/C in
HBLK Mode 2 for even lines; odd lines are defined using HBLKALT_PAT.
[3:0] RA0H2REPA. Number of H2 pulses following HBLKSTARTA.
[7:4] RA0H2REPB. Number of H2 pulses following HBLKSTARTB.
[11:8] RA0H2REPC. Number of H2 pulses following HBLKSTARTC.
RA1H2REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 1. Number of H2 repetitions for HBLKSTARTA/B/C.
RA2H2REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 2. Number of H2 repetitions for HBLKSTARTA/B/C.
RA3H2REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 3. Number of H2 repetitions for HBLKSTARTA/B/C.
RA4H2REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 4. Number of H2 repetitions for HBLKSTARTA/B/C.
RA5H2REPA/B/C
12
0 to 15 HCLK pulses
HBLK Repeat Area 5. Number of H2 repetitions for HBLKSTARTA/B/C.
HBLKSTARTA
13
0 to 8191 pixel location
HBLK Repeat Area Start Position A for HBLK Mode 2.
HBLKSTARTB
13
0 to 8191 pixel location
HBLK Repeat Area Start Position B for HBLK Mode 2.
HBLKSTARTC
13
0 to 8191 pixel location
HBLK Repeat Area Start Position C for HBLK Mode 2.
HBLKALT_PAT1
3
0 to 5 even repeat area
HBLK Mode 2, Odd Field Repeat Area 0 pattern, selected from even field.
Repeat areas previously defined.
HBLKALT_PAT2
3
0 to 5 even repeat area
HBLK Mode 2, Odd Field Repeat Area 1 pattern.
HBLKALT_PAT3
3
0 to 5 even repeat area
HBLK Mode 2, Odd Field Repeat Area 2 pattern.
HBLKALT_PAT4
3
0 to 5 even repeat area
HBLK Mode 2, Odd Field Repeat Area 3 pattern.
HBLKALT_PAT5
3
0 to 5 even repeat area
HBLK Mode 2, Odd Field Repeat Area 4 pattern.
HBLKALT_PAT6
3
0 to 5 even repeat area
HBLK Mode 2, Odd Field Repeat Area 5 pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com