Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 17Page - Analog Devices AD9954/PCBZ Datasheet HTML 18Page - Analog Devices AD9954/PCBZ Datasheet HTML 19Page - Analog Devices AD9954/PCBZ Datasheet HTML 20Page - Analog Devices AD9954/PCBZ Datasheet HTML 21Page - Analog Devices AD9954/PCBZ Datasheet HTML 22Page - Analog Devices AD9954/PCBZ Datasheet HTML 23Page - Analog Devices AD9954/PCBZ Datasheet HTML 24Page - Analog Devices AD9954/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9953
Rev. A | Page 21 of 32
n
fied RAM
is
r
Notes
next address, and the timer reloads the ramp rate bits and
continues counting down. This sequence continues until the
RAM address generator has incremented to an address equal to
the RAM segment final address bits of the current RSCW. Upo
reaching this terminal address, the RAM address generator
reloads the RAM segment beginning address bits and the
sequence repeats.
The sequence of circulating through the speci
addresses repeats for as long as the part is programmed for th
mode. The no-dwell bit is a Don’t Care in this mode.
RAM Controlled Modes of Operation Notes and
Summary
Notes:
1.
The user must ensure that the beginning address is lowe
than the final address.
2.
Changing profiles or issuing an I/O UPDATE automatically
terminates the current sweep and starts the next sweep.
3.
Setting the RAM destination bit true such that the RAM
output drives the phase offset adder is valid. While the
above discussion describes a frequency sweep, a phase
sweep operation is also available.
The AD9953 offers five modes of RAM controlled operation
(see Table 6).
Table 6. RAM Modes of Operation
RSCW<7:5>
(Binary)
Mode
000
Direct Switch
No Sweeping, P
Valid, No Dwell Invalid
rofiles
001
Ramp Up
Sweeping, Profiles Valid,
No Dwell Valid
010
Bidirectional
Ramp
Sweeping, Profile <0>
Direction Control Bit, N
Dwell Invalid
Is a
o
011
Continuous
Bidirectional
Ramp
Sweeping, Profiles V
No Dwell Invalid
alid,
100
Continuous
Recirculate
Sweeping, Profiles Valid
No Dwell Invalid
,
101, 110, 111
Open
Invalid Mode—Default To
Direct Switch
Internal Profile Control
The AD9953 offers a mode in which a composite frequency
sweep can be built, for which the timing control is software
here
s
AM address generator has exhausted the
Mode Description
programmable. The internal profile control capability disen-
gages the Profile<1:0> pins and enables the AD9953 to take
control of switching between profiles. Modes are defined that
allow continuous or single burst profile switches for three
combinations of profile selection bits. These are listed in
Table 7. When any of the CFR1<29:27> bits are active, the
internal profile control mode is engaged. Internal profile control
is only valid when the device is operating in RAM mode. T
is no internal profile control for linear sweeping operations.
When the internal profile control mode is engaged, the RAM
segment mode control bits are Don’t Care and the device
operates all profiles as if these mode control bits were
programmed for ramp-up mode. Switching between profile
occurs when the R
memory contents for the current profile.
Table 7. Internal Profile Control
CFR1<29:27>
(Binary)
000
Internal Control Inactive
001
Internal Control Active, Single Burst, Activate
Profile 0, Then 1, Then Stop
010
Internal Control Active, Single Burst, Activate
Profile 0, Then 1, Then 2, Then Stop
011
te
Internal Control Active, Single Burst, Activa
Profile 0, Then 1, Then 2, Then 3, Then Stop
100
Internal Control Active, Continuous, Activate
Profile 0, Then 1, Then Loop Starting 0
101
e
, Then Loop Starting 0
Internal Control Active, Continuous, Activat
Profile 0, Then 1, Then 2
110
Internal Control Active, Continuous, Activate
Profile 0, Then 1, Then 2, Then 3, Then Loop
Starting 0
111
Invalid
gle b
A sin
exec
urst mo
ich th
uted once. Fo
ume th
d
mp-up mod
FR1<29:2
Logic 010(b). Upon receiving an I/O U
ernal
ol logic sign
to begi
mode sequence fo
e 0. Upon rea
final address value for Profile 0, the de
ally
es to Profil
s execu
sequence. Upon r
M se
s value
rofile 1, the de
tically sw
ns executing
sequen
add
r Profile
er a
mposite sw
suing another I/O UPDATE restarts the burst process.
control mode is one in which the
de is one in wh
r example, ass
e composite sweep is
e device is programme
for ra
e and the C
7> bits are written to
PDATE, the int
contr
als the device
r Profil
n executing the ramp-up
ching the RAM segment
vice automatic
switch
e 1 and begin
eaching the RA
ting that ramp-up
gment final addres
for P
begi
vice automa
that ramp-up
lue fo
itches to Profile 2 and
ce. When the RAM
segment final
sequence is ov
ress va
nd the co
2 is reached, the
eep has completed.
Is
A continuous internal profile
composite sweep is continuously executed for as long as the
device is programmed into that mode. Using the example
above, except programming the CFR1<29:27> bits to Logic
101(b), the operation would be identical until the RAM
segment final address value for Profile 2 is reached. At this
point, instead of stopping the sequence, it repeats, starting with
Profile 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com