Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 22Page - Analog Devices AD9954/PCBZ Datasheet HTML 23Page - Analog Devices AD9954/PCBZ Datasheet HTML 24Page - Analog Devices AD9954/PCBZ Datasheet HTML 25Page - Analog Devices AD9954/PCBZ Datasheet HTML 26Page - Analog Devices AD9954/PCBZ Datasheet HTML 27Page - Analog Devices AD9954/PCBZ Datasheet HTML 28Page - Analog Devices AD9954/PCBZ Datasheet HTML 29Page - Analog Devices AD9954/PCBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD9953
Rev. A | Page 26 of 32
There are two phases to a communication cycle with the
AD9953. Phase 1 is the instruction cycle, which is the writing of
an instruction byte into the AD9953, coincident with the first
eight SCLK rising edges. The instruction byte provides the
AD9953 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication cycle.
The Phase 1 instruction byte defines whether the upcoming data
transfer is read or write and the serial address of the register
being accessed.
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the AD9953. The
remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between
f bytes transferred
during Phase 2 of the communication cycle is a function of the
register being accessed. For example, when accessing the Control
Function Register No. 2, which is three bytes wide, Phase 2 requires
that three bytes be transferred. If accessing the frequency tuning
word, which is four bytes wide, Phase 2 requires that four bytes
be transferred. After transferring all data bytes per the
instruction, the communication cycle is completed.
At the completion of any communication cycle, the AD9953
serial port controller expects the next eight rising SCLK edges
to be the instruction byte of the next communication cycle. All
data input to the AD9953 is registered on the rising edge of
SCLK. All data is driven out of the AD9953 on the falling
ge
23 through Figure 26 are useful in
ing the general operation of the AD9953 serial port.
the AD9953
of SCLK. Figure
and the system controller. The number o
ed
I6
I5
I4
I3
I2
I7
INSTRUCTION CYCLE
I1
I0
D
D5
D4
D3
D2
D1
D0
7
D6
SCLK
SDIO
DATA TRANSFER CYCLE
CS
ng—Clock Stall Low
Figure 23. Serial Port Write Timi
I6
I5
I4
I3
I
I7
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
2
I1
I0
DON'T CARE
SCLK
SDIO
D
DO 5 DO 4 DO 3 DO 2 DO 1
DO 0
O 7
DO 6
SDO
CS
iming—Clock Stall Low
Figure 24. 3-Wire Serial Port Read T
I6
I5
I4
I3
I2
I7
INSTRUCTION CYCLE
I1
D0
I0
D
D
D
D
D
D
D
5
4
3
2
1
7
6
SCLK
SDIO
DATA TRANSFER CYCLE
CS
Write Timi
Figure 25. Serial Port
ng—Clock Stall High
I6
I5
I4
I3
I
I7
2
I1
I0
DO 5 DO 4 DO 3 DO 2 DO 1 DO 0
DO 7 DO 6
INSTRUCTION CYCLE
SCLK
SDIO
DATA TRANSFER CYCLE
CS
ming—Clock Stall High
Figure 26. 2-Wire Serial Port Read Ti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com