Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 19Page - Analog Devices AD9954/PCBZ Datasheet HTML 20Page - Analog Devices AD9954/PCBZ Datasheet HTML 21Page - Analog Devices AD9954/PCBZ Datasheet HTML 22Page - Analog Devices AD9954/PCBZ Datasheet HTML 23Page - Analog Devices AD9954/PCBZ Datasheet HTML 24Page - Analog Devices AD9954/PCBZ Datasheet HTML 25Page - Analog Devices AD9954/PCBZ Datasheet HTML 26Page - Analog Devices AD9954/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9953
Rev. A | Page 23 of 32
nt of 1
he first method of loading is by changing the OSK input pin.
hen the OSK input pin changes state, the ASFR value is
aded into the ramp rate timer, which then proceeds to count
own as normal.
he second method in which the sweep ramp rate timer can be
aded before reaching a count of 1 is if the load OSK timer bit
FR1<26>) is set and an I/O UPDATE is issued.
he third method in which the sweep ramp rate timer can be
oaded before reaching a count of 1 is when going from the
active auto shaped on-off keying mode to the active auto
aped on-off keying mode; that is, when the sweep enable bit is
eing set.
OSK PIN
SYN
TO D
LE
>
OSK Ramp Rate Timer
The OSK ramp rate timer is a loadable down counter, which
generates the clock signal to the 14-bit counter that generates
the internal scale factor. The ramp rate timer is loaded with the
value of the ASFR every time the counter reaches 1 (decimal).
This load and countdown operation continues for as long as the
timer is enabled, unless the timer is forced to load before
reaching a count of 1.
If the load OSK timer bit (CFR1<26>) is set, the ramp rate
timer is loaded upon an I/O UPDATE or upon reaching a value
a cou
T
W
lo
d
T
lo
(C
T
l
in
sh
of 1. The ramp timer can be loaded before reaching
by three methods.
b
DDS CORE
OSK ENAB
CFR<25
AMPLITUDE SCALE
FACTOR REGISTER
(ASF)
LOAD OSK TIMER
CFR1<26>
C_CLK
AUTO DESK
ENABLE
CFR1<24>
AC
0
R
RAMP RATE TIMER
CLOCK
AUTO SCALE
CTOR GENERATO
FA
01
HOLD
EC ENABLE
INC/D
OUT
COS(X)
AMPLITUDE RAMP
RATE REGISTER
(ASF)
UP/DN
DATA
LOAD
EN
f Shaped Key
Figure 20. On-Of
ing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com