Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 20Page - Analog Devices AD9954/PCBZ Datasheet HTML 21Page - Analog Devices AD9954/PCBZ Datasheet HTML 22Page - Analog Devices AD9954/PCBZ Datasheet HTML 23Page - Analog Devices AD9954/PCBZ Datasheet HTML 24Page - Analog Devices AD9954/PCBZ Datasheet HTML 25Page - Analog Devices AD9954/PCBZ Datasheet HTML 26Page - Analog Devices AD9954/PCBZ Datasheet HTML 27Page - Analog Devices AD9954/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD9953
Rev. A | Page 24 of 32
External Shaped On-Off Keying Mode Operation
The external shaped on-off keying mode is enabled by writing
CFR1<25> to a Logic 1 and writing CFR1<24> to a Logic 0.
When configured for external shaped on-off keying, the
content of the ASFR becomes the scale factor for the data path.
The scale factors are synchronized to SYNC_CLK via the
I/O UPDATE functionality.
Synchronization; Register Updates (I/O UPDATE)
Functionality of the SYNC_CLK and I/O UPDATE
Data into the AD9953 is synchronous to the SYNC_CLK signal
(supplied externally to the user on the SYNC_CLK pin). The
I/O UPDATE pin is sampled on the rising edge of the
SYNC_CLK.
Internally, SYSCLK is fed to a divide-by-4 freque
roduce the SYNC_CLK signal. The SYNC_CLK signal is
rovided to the user on the SYNC_CLK pin. This enables
ynchronization of external hardware with the device’s internal
ocks. This is accomplished by forcing any external hardware
obtain its timing from SYNC_CLK. The I/O UPDATE signal
coupled with SYNC_CLK is used to transfer internal buffer
contents into the control registers of the device. The combina-
tion of the SYNC_CLK and I/O UPDATE pins provides the
user with constant latency relative to SYSCLK, and also ensures
phase continuity of the analog output signal when a new tuning
word or phase offset value is asserted. Figure 21 demonstrates
an I/O UPDATE timing cycle and synchronization.
Notes for synchronization logic:
1.
The I/O UPDATE signal is edge detected to generate a
single rising edge clock signal that drives the register bank
flops. The I/O UPDATE signal has no constraints on duty
cycle. The minimum low time on I/O UPDATE is one
SYNC_CLK clock cycle.
2.
The I/O UPDATE pin is set up and held around the rising
C_CLK and has zero hold time and 4 ns setup
time.
SYSCLK
SYNC_CLK
DISABLE
ncy divider to
edge of SYN
p
p
s
cl
to
SDI
0
÷ 4
OSK
PROFILE<1:0>
I/O UPDATE
SCLK
TO CORE LOGIC
CS
D
Q
D
Q
D
Q
SYNC_CLK
GATING
EDGE
DETECTION
LOGIC
REGISTER
MEMORY
I/O BUFFER
LATCHES
Figure 21. I/O Synchronization Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com