Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 18Page - Analog Devices AD9954/PCBZ Datasheet HTML 19Page - Analog Devices AD9954/PCBZ Datasheet HTML 20Page - Analog Devices AD9954/PCBZ Datasheet HTML 21Page - Analog Devices AD9954/PCBZ Datasheet HTML 22Page - Analog Devices AD9954/PCBZ Datasheet HTML 23Page - Analog Devices AD9954/PCBZ Datasheet HTML 24Page - Analog Devices AD9954/PCBZ Datasheet HTML 25Page - Analog Devices AD9954/PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9953
Rev. A | Page 22 of 32
trol.
ter
utput signal is offset
y a constant angle relative to the nominal signal. This allows
put with some external
d meth
here the user regularly
tes the phas
port. By properly
ifying the ph
implement a pha
However, both the
of the I/O
rate at which pha
allo
f
hase accum
automatic zeroin
olled via th
phase
mulator bit.
holds the value t
tinuous Cle
he continuous clear bit is simply a static control signal that,
nt
s the
-off
d.
he
r value into the amplitude scale factor (ASF) register.
he shaped on-off keying function may be bypassed (disabled)
by clearing the OSK enable bit (CFR1<25> = 0).
e most signifi-
unction register (CFR). CFR1<25> is
e
tive
ode
Off Keying Mode Operation
termined
he OSK
all 0s
he DDS core output by 16383 (decimal).
nally generated scale factor step size
<15:14> bits. Table 8 describes the
e
ts of the amplitude
he user to ramp to a value less
PROGRAMMING AD9953 FEATURES
Phase Offset Control
A 14-bit phase offset (θ) may be added to the output of the phase
accumulator by means of the control registers. This feature
provides the user with two different methods of phase con
The first method is a static phase adjustment where a fixed
phase offset is loaded into the appropriate phase offset regis
and left unchanged. The result is that the o
b
the user to phase align the DDS out
a .
signal, if necess
The secon
ry
od of phase control is w
upda
e offset register via the I/O
mod
ase offset as a function of time, the user can
se modulated output signal.
speed
port and the frequency of SYSCLK limit the
se modulation can be performed.
The AD9953
ws for a programmable continuous zeroing o
the p
ulator as well as a clear and release or
g function. Each feature is individually
contr
e CFR1 bits. CFR1<13> is the automatic clear
accu
CFR1<10> clears the phase accumulator and
o zero.
Con
ar Bit
T
when active high, holds the phase accumulator at zero for the
entire time the bit is active. When the bit goes low, inactive, the
phase accumulator is allowed to operate.
Clear and Release Function
When set, the auto-clear phase accumulator clears and releases
the phase accumulator upon receiving an I/O UPDATE. The
automatic clearing function is repeated for every subseque
I/O UPDATE until the appropriate auto-clear control bit is
cleared.
Shaped On-Off Keying
The shaped on-off keying function of the AD9953 allow
user to control the ramp-up and ramp-down time of an on
emission from the DAC. This function is used in burst
transmissions of digital data to reduce the adverse spectral
impact of short, abrupt bursts of data.
Auto and manual shaped on-off keying modes are supporte
The auto mode generates a linear scale factor at a rate
determined by the amplitude ramp rate (ARR) register
controlled by an external pin (OSK). Manual mode allows t
user to directly control the output amplitude by writing the
scale facto
T
The modes are controlled by two bits located in th
cant byte of the control f
the shaped on-off keying enable bit. When CFR1<25> is set, th
output scaling function is enabled and CFR1<25> bypasses the
function. CFR1<24> is the internal shaped on-off keying ac
bit. When CFR1<24> is set, internal shaped on-off keying m
is active; CFR1<24> is cleared, external shaped on-off keying
mode is active. CFR1<24> is a Don’t Care if the shaped on-off
keying enable bit (CFR1<25>) is cleared. The power-up
condition is shaped on-off keying disabled (CFR1<25> = 0).
Figure 20 shows the block diagram of the OSK circuitry.
AUTO Shaped On-
The auto shaped on-off keying mode is active when CFR1<25>
and CFR1<24> are set. When auto shaped on-off keying mode
is enabled, a single scale factor is internally generated and
applied to the multiplier input for scaling the output of the DDS
core block (see Figure 20). The scale factor is the output of a
14-bit counter that increments/decrements at a rate de
by the contents of the 8-bit output ramp rate register. The scale
factor increases if the OSK pin is high and decreases if t
pin is low. The scale factor is an unsigned value such that
multiply the DDS core output by 0 (decimal) and 0x3FFF
multiplies t
For those users who use the full amplitude (14 bits) but need
fast ramp rates, the inter
is controlled via the ASF
increment/decrement step size of the internally generated scal
factor per the ASF<15:14> bits.
A special feature of this mode is that the maximum output
amplitude allowed is limited by the conten
scale factor register. This allows t
than full scale.
Table 8. Auto-Scale Factor Internal Step Size
ASF<15:14> (Binary)
Increment/Decrement Size
00
1
01
2
10
4
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com