Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1754ACPZ-1.0-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1754ACPZ-1.0-R7
Description  1.2 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1754ACPZ-1.0-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1754ACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADP1754/ADP1755
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN to GND
−0.3 V to +4.0 V
VOUT to GND
−0.3 V to VIN
EN to GND
−0.3 V to VIN
SS to GND
−0.3 V to VIN
PG to GND
−0.3 V to +4.0 V
SENSE/ADJ to GND
−0.3 V to VIN
Storage Temperature Range
−65°C to +150°C
Junction Temperature Range
−40°C to +125°C
Junction Temperature
150°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination. The ADP1754/ADP1755 may be damaged if the
junction temperature limits are exceeded. Monitoring ambient
temperature does not guarantee that TJ is within the specified
temperature limits. In applications with high power dissipation
and poor thermal resistance, the maximum ambient temperature
may need to be derated. In applications with moderate power
dissipation and low PCB thermal resistance, the maximum
ambient temperature can exceed the maximum limit as long
as the junction temperature is within specification limits.
The junction temperature (TJ) of the device is dependent on the
ambient temperature (TA), the power dissipation of the device
(PD), and the junction-to-ambient thermal resistance of the
package (θJA). TJ is calculated using the following formula:
TJ = TA + (PD × θJA)
Junction-to-ambient thermal resistance (θJA) of the package is
based on modeling and calculation using a 4-layer board. The
junction-to-ambient thermal resistance is highly dependent
on the application and board layout. In applications where high
maximum power dissipation exists, close attention to thermal
board design is required. The value of θJA may vary, depending
on PCB material, layout, and environmental conditions. The
specified values of θJA are based on a 4-layer, 4 in × 3 in circuit
board. Refer to JEDEC JESD51-7 for detailed information about
board construction. For more information, see the AN-772
Application Note, A Design and Manufacturing Guide for the
Lead Frame Chip Scale Package (LFCSP).
ΨJB is the junction-to-board thermal characterization parameter
with units of °C/W. ΨJB of the package is based on modeling and
calculation using a 4-layer board. The JESD51-12 document,
Guidelines for Reporting and Using Electronic Package Thermal
Information, states that thermal characterization parameters are
not the same as thermal resistances. ΨJB measures the component
power flowing through multiple thermal paths rather than through
a single path as in thermal resistance, θJB. Therefore, ΨJB thermal
paths include convection from the top of the package as well as
radiation from the package, factors that make ΨJB more useful in
real-world applications. Maximum junction temperature (TJ)
is calculated from the board temperature (TB) and the power
dissipation (PD) using the following formula:
TJ = TB + (PD × ΨJB)
Refer to the JEDEC JESD51-8 and JESD51-12 documents for more
detailed information about ΨJB.
THERMAL RESISTANCE
θJA and ΨJB are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
ΨJB
Unit
16-Lead LFCSP with Exposed Pad (CP-16-4)
42
25.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com