Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1754ACPZ-1.0-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1754ACPZ-1.0-R7
Description  1.2 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1754ACPZ-1.0-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1754ACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.2 A, Low VIN, Low Dropout
Linear Regulator
Data Sheet
ADP1754/ADP1755
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Maximum output current: 1.2 A
Input voltage range: 1.6 V to 3.6 V
Low shutdown current: <2 µA
Very low dropout voltage: 105 mV @ 1.2 A load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±2%
7 fixed output voltage options with soft start
0.75 V to 2.5 V (ADP1754)
Adjustable output voltage option with soft start
0.75V to 3.3V (ADP1755)
High PSRR
65 dB @ 1 kHz
65 dB @ 10 kHz
54 dB @ 100 kHz
23 μV rms at 0.75 V output
Stable with small 4.7 µF ceramic output capacitor
Excellent load and line transient response
Current-limit and thermal overload protection
Power-good indicator
Logic-controlled enable
Reverse current protection
APPLICATIONS
Server computers
Memory components
Telecommunications equipment
Network equipment
DSP/FPGA/microprocessor supplies
Instrumentation equipment/data acquisition systems
TYPICAL APPLICATION CIRCUITS
TOP VIEW
(Not to Scale)
ADP1754
1
2
3
4
VIN
VIN
100kΩ
4.7µF
4.7µF
VIN = 1.8V
VOUT = 1.5V
VIN
EN
12
11
10
9
VOUT
VOUT
VOUT
SENSE
5
6
7
8
PG
GND
SS
NC
PG
16
15
14
13
VIN
VIN VOUT VOUT
10nF
Figure 1. ADP1754 with Fixed Output Voltage, 1.5 V
TOP VIEW
(Not to Scale)
ADP1755
1
2
3
4
VIN
VIN
100kΩ
4.7µF
4.7µF
VIN = 1.8V
VOUT = 0.5V(1 + R1/R2)
VIN
EN
12
11
10
9
VOUT
VOUT
VOUT
ADJ
5
6
7
8
PG
GND
SS
NC
PG
16
15
14
13
VIN
VIN VOUT VOUT
10nF
R2
R1
Figure 2. ADP1755 with Adjustable Output Voltage, 0.75 V to 3.3 V
GENERAL DESCRIPTION
The ADP1754/ADP1755 are low dropout (LDO) CMOS linear
regulators that operate from 1.6 V to 3.6 V and provide up to
1.2 A of output current. These low VIN/VOUT LDOs are ideal for
regulation of nanometer FPGA geometries operating from 2.5 V
down to 1.8 V I/O rails, and for powering core voltages down to
0.75 V. Using an advanced proprietary architecture, the ADP1754/
ADP1755 provide high power supply rejection ratio (PSRR) and
low noise, and achieve excellent line and load transient response
with only a small 4.7 µF ceramic output capacitor.
The ADP1754 is available in seven fixed output voltage options.
The ADP1755 is the adjustable version, which allows output
voltages that range from 0.75 V to 3.3 V via an external divider.
The ADP1754/ADP1755 allow an external soft start capacitor
to be connected to program the startup. A digital power-good
output allows power system monitors to check the health of the
output voltage.
The ADP1754/ADP1755 are available in a 16-lead, 4 mm × 4 mm
LFCSP, making them not only very compact solutions, but also
providing excellent thermal performance for applications that
require up to 1.2 A of output current in a small, low profile
footprint.


Similar Part No. - ADP1754ACPZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1754ACPZ-1.0-R7 AD-ADP1754ACPZ-1.0-R7 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
More results

Similar Description - ADP1754ACPZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Analog Devices
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
logo
Linear Technology
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com