Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1754ACPZ-1.0-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1754ACPZ-1.0-R7
Description  1.2 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1754ACPZ-1.0-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1754ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADP1754/ADP1755
Rev. F | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.9 V, VOUT = 1.5 V, IOUT= 10 mA, CIN = 4.7 µF, COUT = 4.7 µF, TA = 25°C, unless otherwise noted.
1.520
1.515
1.510
1.505
1.500
1.495
1.490
1.485
1.480
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
LOAD = 1.2A
Figure 5. Output Voltage vs. Junction Temperature
1.520
1.515
1.505
1.495
1.510
1.500
1.490
1.485
1.480
10
100
1k
10k
LOAD CURRENT (mA)
Figure 6. Output Voltage vs. Load Current
1.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
INPUT VOLTAGE (V)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
LOAD = 1.2A
1.520
1.515
1.510
1.505
1.500
1.495
1.490
1.485
1.480
Figure 7. Output Voltage vs. Input Voltage
1200
0
200
400
600
800
1000
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
LOAD = 1.2A
Figure 8. Ground Current vs. Junction Temperature
1200
1000
800
600
400
200
0
10
100
1k
10k
LOAD CURRENT (mA)
Figure 9. Ground Current vs. Load Current
1200
1000
800
600
400
200
0
1.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
INPUT VOLTAGE (V)
LOAD = 400mA
LOAD = 800mA
LOAD = 10mA
LOAD = 100mA
LOAD = 1.2A
Figure 10. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com