Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1754ACPZ-1.0-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1754ACPZ-1.0-R7
Description  1.2 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1754ACPZ-1.0-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1754ACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 19Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADP1754/ADP1755
Rev. F | Page 19 of 20
OUTLINE DIMENSIONS
2.25
2.10 SQ
1.95
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGC
1
0.65
BSC
PIN 1
INDICATOR
1.95 REF
0.75
0.60
0.50
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
COPLANARITY
0.08
1.00
0.85
0.80
0.35
0.30
0.25
0.05 MAX
0.02 NOM
0.20 REF
16
5
13
8
9
12
4
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.25 MIN
BOTTOM VIEW
3.75 BSC
SQ
Figure 49. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)
Package Description
Package Option
ADP1754ACPZ-0.75R7
−40°C to +125°C
0.75
16-Lead LFCSP_VQ
CP-16-4
ADP1754ACPZ-1.0-R7
−40°C to +125°C
1.0
16-Lead LFCSP_VQ
CP-16-4
ADP1754ACPZ-1.1-R7
−40°C to +125°C
1.1
16-Lead LFCSP_VQ
CP-16-4
ADP1754ACPZ-1.2-R7
−40°C to +125°C
1.2
16-Lead LFCSP_VQ
CP-16-4
ADP1754ACPZ-1.3-R7
−40°C to +125°C
1.3
16-Lead LFCSP_VQ
CP-16-4
ADP1754ACPZ-1.5-R7
−40°C to +125°C
1.5
16-Lead LFCSP_VQ
CP-16-4
ADP1754ACPZ-1.8-R7
−40°C to +125°C
1.8
16-Lead LFCSP_VQ
CP-16-4
ADP1754ACPZ-2.5-R7
−40°C to +125°C
2.5
16-Lead LFCSP_VQ
CP-16-4
ADP1755ACPZ-R7
−40°C to +125°C
Adjustable from 0.75 to 3.3
16-Lead LFCSP_VQ
CP-16-4
ADP1754-1.5-EVALZ
1.5
Evaluation Board
ADP1755-EVALZ
Adjustable
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com