Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1754ACPZ-1.0-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1754ACPZ-1.0-R7
Description  1.2 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1754ACPZ-1.0-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1754ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP1754/ADP1755
Rev. F | Page 9 of 20
1
2
T
CH1 500mV BW CH2 5mV
B
W
M10µs
A CH4
800mV
T 9.60%
VIN
3V TO 3.5V INPUT VOLTAGE STEP, 2V/µs
VOUT
5mV/DIV
VOUT = 1.5V
CIN = COUT = 4.7µF
Figure 17. Line Transient Response, Load Current = 1200 mA
70
0
10
20
30
40
50
60
0.0001
0.001
0.01
0.1
1
10
LOAD CURRENT (A)
0.75V
1.5V
2.5V
Figure 18. Noise vs. Load Current and Output Voltage
10
1
0.1
0.01
10
100
1k
10k
100k
FREQUENCY (Hz)
0.75V
1.5V
2.5V
Figure 19. Noise Spectral Density vs. Output Voltage, ILOAD = 10 mA
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1.2A
800mA
400mA
100mA
10mA
Figure 20. Power Supply Rejection Ratio vs. Frequency,
VOUT = 0.75 V, VIN = 1.75 V
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1.2A
800mA
400mA
100mA
10mA
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 21. Power Supply Rejection Ratio vs. Frequency,
VOUT = 1.5 V, VIN = 2.5 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1.2A
800mA
400mA
100mA
10mA
Figure 22. Power Supply Rejection Ratio vs. Frequency,
VOUT = 2.5 V, VIN = 3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com