Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599ATD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6599ATD
Description  Improved high-voltage resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599ATD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6599ATD Datasheet HTML 6Page - STMicroelectronics L6599ATD Datasheet HTML 7Page - STMicroelectronics L6599ATD Datasheet HTML 8Page - STMicroelectronics L6599ATD Datasheet HTML 9Page - STMicroelectronics L6599ATD Datasheet HTML 10Page - STMicroelectronics L6599ATD Datasheet HTML 11Page - STMicroelectronics L6599ATD Datasheet HTML 12Page - STMicroelectronics L6599ATD Datasheet HTML 13Page - STMicroelectronics L6599ATD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
L6599AT
10/31
Doc ID 15534 Rev 3
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DIS function
IDIS
Input bias current
VDIS = 0 to Vth
-1
µA
Vth
Disable threshold
Voltage rising (1)
1.78
1.85
1.92
V
Oscillator
D
Output duty cycle
Both HVG and LVG
48
50
52
%
fosc
Oscillation frequency
58.2
60
61.8
kHz
RRFmin= 2.7 kΩ
240
250
260
TD
Dead-time
Between HVG and LVG
0.2
0.3
0.4
µs
VCFp
Peak value
3.9
V
VCFv
Valley value
0.9
V
VREF
Voltage reference at pin 4
(1)
1.93
2
2.07
V
I_REF = -2 mA (1)
1.8
2
2.2
V
KM
Current mirroring ratio
1
A/A
PFC_STOP function
Ileak
High level leakage current
VPFC_STOP =Vcc,
VDIS = 0 V
1µA
RPFC_STOP ON-state resistance
IPFC_STOP = 1 mA,
VDIS = 1.5 V
130
200
Ω
VL
Low saturation level
IPFC_STOP = 1 mA,
VDIS = 1.5 V
0.2
V
Soft-start function
Ileak
Open-state current
V(Css) = 2 V
0.5
µA
R
Discharge resistance
VISEN > VISENx
120
Ω
Standby function
IDIS
Input bias current
VDIS = 0 to Vth
-1
µA
Vth
Disable threshold
Voltage falling (1)
1.2
1.24
1.28
V
Hys
Hysteresis
Voltage rising
50
mV
Delayed shutdown function
Ileak
Open-state current
V(DELAY) = 0
0.5
µA
ICHARGE Charge current
VDELAY = 1 V,
VISEN = 0.85 V
100
150
200
µA
Vth1
Threshold for forced
operation at max.
frequency
Voltage rising (1)
1.98
2.05
2.12
V
Vth2
Shutdown threshold
Voltage rising (1)
3.35
3.5
3.65
V
Table 5.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com