Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599ATD Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6599ATD
Description  Improved high-voltage resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599ATD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6599ATD Datasheet HTML 17Page - STMicroelectronics L6599ATD Datasheet HTML 18Page - STMicroelectronics L6599ATD Datasheet HTML 19Page - STMicroelectronics L6599ATD Datasheet HTML 20Page - STMicroelectronics L6599ATD Datasheet HTML 21Page - STMicroelectronics L6599ATD Datasheet HTML 22Page - STMicroelectronics L6599ATD Datasheet HTML 23Page - STMicroelectronics L6599ATD Datasheet HTML 24Page - STMicroelectronics L6599ATD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
L6599AT
Application information
Doc ID 15534 Rev 3
21/31
The circuit shown in Figure 11b can be operated in two different ways. If the resistor RA in
series to CA is small (not above a few hundred ohms, just to limit current spiking) the circuit
operates like a capacitive current divider; CA is typically selected equal to Cr/100 or less and
is a low-loss type, and the sense resistor RB is selected as:
Equation 7
and CB is such that RB·CB is in the range of 10 /fmin.
If the resistor RA in series with CA is not small (in this case it is typically selected in the ten
k
Ω range), the circuit operates like a divider of the ripple voltage across the resonant
capacitor Cr, which, in turn, is related to its current through the reactance of Cr. Again, CA is
typically selected equal to Cr/100 or less, this time not necessarily a low-loss type, while RB
(provided it is << RA) according to:
Equation 8
where the reactance of CA (XCA) and Cr (XCr) should be calculated at the frequency where
ICrpk = ICrpkx. Again, CB is such that RB·CB is in the range of 10 /fmin.
Whichever circuit is used, the calculated values of Rs or RB should be considered
preliminary values that may need to be adjusted after experimental verification.
OCP is effective in limiting primary-to-secondary energy flow in case of an overload or an
output short-circuit, but the output current through the secondary winding and rectifiers
under these conditions might be so high that they endanger the converter’s safety if
continuously flowing. To prevent any damage during these conditions it is customary to force
the intermittent operation of the converter, in order to bring the average output current to
values such that the thermal stress for the transformer and the rectifiers can be easily
handled.
With the L6599AT the designer can externally program the maximum time TSH that the
converter is allowed to run overloaded or under short-circuit conditions. Overloads or short-
circuits lasting less than TSH do not cause any other action, hence providing the system with
immunity to short duration phenomena. If, instead, TSH is exceeded an overload protection
(OLP) procedure is activated that shuts down the L6599AT and, in cases of continuous
overload/short-circuit, results in continuous intermittent operation with a user-defined duty
cycle.
⎟⎟
⎜⎜
+
π
=
A
r
Crpkx
B
C
C
1
I
8
.
0
R
Cr
2
C
2
A
Crpkx
B
X
X
R
I
8
.
0
R
A
+
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com