Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599ATD Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6599ATD
Description  Improved high-voltage resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599ATD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6599ATD Datasheet HTML 14Page - STMicroelectronics L6599ATD Datasheet HTML 15Page - STMicroelectronics L6599ATD Datasheet HTML 16Page - STMicroelectronics L6599ATD Datasheet HTML 17Page - STMicroelectronics L6599ATD Datasheet HTML 18Page - STMicroelectronics L6599ATD Datasheet HTML 19Page - STMicroelectronics L6599ATD Datasheet HTML 20Page - STMicroelectronics L6599ATD Datasheet HTML 21Page - STMicroelectronics L6599ATD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Application information
L6599AT
18/31
Doc ID 15534 Rev 3
6.3
Soft-start
Generally speaking, the purpose of soft-start is to progressively increase the converter's
power capability when it is started up, so as to avoid excessive inrush current. In resonant
converters the deliverable power depends inversely on frequency, so soft-start is attained by
sweeping the operating frequency from an initial high value until the control loop takes over.
With the L6599AT, the converter's soft startup is easily achieved with the addition of an R-C
series circuit from pin 4 (RFmin) to ground (see Figure 10, left).
Initially, capacitor CSS is totally discharged, so that the series resistor RSS is effectively
parallel to RFmin and the resulting initial frequency is determined by RSS and RFmin only,
since the optocoupler's phototransistor is cut off (as long as the output voltage is not too far
from the regulated value):
Equation 4
The CSS capacitor is progressively charged until its voltage reaches the reference voltage
(2 V) and, consequently, the current through RSS goes to zero. This typically takes 5 times
constants RSS·CSS. However, before this time interval completes, the output voltage comes
close to the regulated value and the feedback loop takes over, so that the optocoupler's
phototransistor determines the operating frequency from that moment onwards.
During this frequency sweep phase the operating frequency decays, following the
exponential charge of CSS. That is, initially it changes relatively quickly but the rate of
change gets slower and slower. This counteracts the non-linear frequency dependence of
the tank circuit that makes the converter's power capability change little as frequency is
away from resonance, and change very quickly as the frequency approaches the resonance
frequency (see Figure 10, right).
Figure 10.
Soft-start circuit (left) and power vs. frequency curve in a resonant
half-bridge (right)
As a result, the average input current increases smoothly, without the peaking that occurs
with linear frequency sweep, and the output voltage reaches the regulated value with almost
no overshoot.
Typically, RSS and CSS are selected based on the following relationships:
()
SS
min
start
R
//
RF
CF
3
1
f
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com