Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599ATD Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6599ATD
Description  Improved high-voltage resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599ATD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6599ATD Datasheet HTML 8Page - STMicroelectronics L6599ATD Datasheet HTML 9Page - STMicroelectronics L6599ATD Datasheet HTML 10Page - STMicroelectronics L6599ATD Datasheet HTML 11Page - STMicroelectronics L6599ATD Datasheet HTML 12Page - STMicroelectronics L6599ATD Datasheet HTML 13Page - STMicroelectronics L6599ATD Datasheet HTML 14Page - STMicroelectronics L6599ATD Datasheet HTML 15Page - STMicroelectronics L6599ATD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Application information
L6599AT
12/31
Doc ID 15534 Rev 3
6
Application information
The L6599AT is an advanced double-ended controller specifically designed for resonant
half-bridge topology (see Figure 4.). In these converters the switches (MOSFETs) of the
half-bridge leg are alternately switched on and off (180° out-of-phase) for exactly the same
time interval. This is commonly referred to as operation at “50% duty cycle”, although the
real duty cycle, that is the ratio of the on-time of either switch to the switching period, is
actually less than 50%. The reason is that there is an internally fixed dead-time TD inserted
between the turn-off of either MOSFET and the turn-on of the other, where both MOSFETs
are off. This dead- time is essential for the converter to work correctly; it ensures soft-
switching and enable high-frequency operation with high efficiency and low EMI emissions.
To perform output voltage regulation of the converter, the device is capable of operating in
different modes (Figure 3), depending on the load conditions:
1.
Variable frequency at heavy and medium/light load. A relaxation oscillator (see
Section 6.1: Oscillator for more details) generates a symmetrical triangular waveform,
to which the MOSFETs' switching is locked. The frequency of this waveform is related
to a current that is modulated by the feedback circuitry. As a result, the tank circuit
driven by the half-bridge is stimulated at a frequency dictated by the feedback loop to
keep the output voltage regulated, thus exploiting its frequency-dependent transfer
characteristics.
2.
Burst-mode control with no or very light load. When the load falls below a certain value,
the converter enters a controlled intermittent operation, where a series of a few
switching cycles at a nearly fixed frequency are spaced out by long idle periods where
both MOSFETs are in an OFF-state. A further load decrease is translated into longer
idle periods, and then into a reduction of the average switching frequency. When the
converter is completely unloaded, the average switching frequency can go down to
even a few hundred hertz, thus minimizing any magnetizing current losses as well as all
frequency-related losses, and making it easier to comply with energy saving
recommendations.
Figure 3.
Multi-mode operation of the L6599AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com