Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599ATD Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6599ATD
Description  Improved high-voltage resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599ATD Datasheet(HTML) 3 Page - STMicroelectronics

  L6599ATD Datasheet HTML 1Page - STMicroelectronics L6599ATD Datasheet HTML 2Page - STMicroelectronics L6599ATD Datasheet HTML 3Page - STMicroelectronics L6599ATD Datasheet HTML 4Page - STMicroelectronics L6599ATD Datasheet HTML 5Page - STMicroelectronics L6599ATD Datasheet HTML 6Page - STMicroelectronics L6599ATD Datasheet HTML 7Page - STMicroelectronics L6599ATD Datasheet HTML 8Page - STMicroelectronics L6599ATD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
L6599AT
Device description
Doc ID 15534 Rev 3
3/31
1
Device description
The L6599AT is a temperature-extended version of the L6599A. It is a double-ended
controller specifically designed for the series-resonant half-bridge topology. It provides a
50% complementary duty cycle: the high-side switch and the low-side switch are driven
ON/OFF at 180° out-of-phase for exactly the same time interval. Output voltage regulation is
obtained by modulating the operating frequency. A fixed dead-time inserted between the
turn-off of one switch and the turn-on of the other guarantees soft-switching and enables
high-frequency operation.
To drive the high-side switch using the bootstrap approach, the IC incorporates a high-
voltage floating structure capable of withstanding more than 600 V with a synchronous-
driven high-voltage DMOS that replaces the external fast-recovery bootstrap diode.
The IC enables the designer to set the operating frequency range of the converter by means
of an externally programmable oscillator.
At start-up, to prevent uncontrolled inrush current, the switching frequency starts from a
programmable maximum value and progressively decays until it reaches the steady-state
value determined by the control loop. This frequency shift is non linear to minimize output
voltage overshoots; its duration is programmable as well.
At light load the IC may enter a controlled burst-mode operation that keeps the converter
input consumption to a minimum.
The device’s functions include a not-latched active-low disable input with current hysteresis
suitable for power sequencing or for brownout protection, a current sense input for OCP with
frequency shift and delayed shutdown with automatic restart. A higher level OCP latches off
the IC if the first-level protection is not sufficient to control the primary current. Their
combination offers complete protection against overload and short-circuits. An additional
latched disable input (DIS) allows easy implementation of OTP and/or OVP.
An interface with the PFC controller is provided that enables the switching off of the pre-
regulator during fault conditions, such as OCP shutdown and DIS high, or during burst-
mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com