Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958XP Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9958XP
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958XP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9958XP Datasheet HTML 12Page - STMicroelectronics L9958XP Datasheet HTML 13Page - STMicroelectronics L9958XP Datasheet HTML 14Page - STMicroelectronics L9958XP Datasheet HTML 15Page - STMicroelectronics L9958XP Datasheet HTML 16Page - STMicroelectronics L9958XP Datasheet HTML 17Page - STMicroelectronics L9958XP Datasheet HTML 18Page - STMicroelectronics L9958XP Datasheet HTML 19Page - STMicroelectronics L9958XP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Current regulation
L9958
16/38
Doc ID 17269 Rev 5
4
Current regulation
To protect the actuator and limit power dissipation, a two-level chopper current limitation is
integrated as shown in figure below. The current is measured by sense cells integrated in
the low-side switches. As soon the upper current limit “IH” is reached, both low-side drivers
are switched on to allow free-wheeling recirculation, until the lower current limit “IL” is
reached. During the current regulation, all the slew rate controls are disabled in order to
minimize the power dissipation. Four current limit levels can be set by the SPI control bits 0
and 1. In order to achieve very precise current threshold and ripple, an external resistance is
required (1 % accuracy on all temp range/lifetime) to generate a current reference. Detailed
values for current thresholds and ripple are reported in Table 9.
Figure 11.
Current limitation
4.1
Temperature-dependent current regulation
In order to reduce power dissipation and thus the junction temperature, above a
temperature Twarn = 160 °C, current regulation high limit linearly decreases with
temperature, to reach about 2.5 A at Tsd = 175 °C (shutdown temperature).
When this thermal threshold is reached during a current limitation phase, the information is
stored and latched in a coding of bits called "Twarn". This bit can be reset only if the settings
conditions (Tj > Twarn and ILIM = 0) are not present anymore. This feature is mainly used to
reduce the power dissipation and thus the junction temperature.
Table 9.
Current limitation programmability
CL_2
CL_1
Current limit (typical values)
0
0
2.5 A
0
1
4 A
1
0
6.6 A (default value)
1
1
8.6 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com