Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958XP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9958XP
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958XP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9958XP Datasheet HTML 16Page - STMicroelectronics L9958XP Datasheet HTML 17Page - STMicroelectronics L9958XP Datasheet HTML 18Page - STMicroelectronics L9958XP Datasheet HTML 19Page - STMicroelectronics L9958XP Datasheet HTML 20Page - STMicroelectronics L9958XP Datasheet HTML 21Page - STMicroelectronics L9958XP Datasheet HTML 22Page - STMicroelectronics L9958XP Datasheet HTML 23Page - STMicroelectronics L9958XP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Diagnostics and protections
L9958
20/38
Doc ID 17269 Rev 5
5.2
Protection and on state diagnostics
L9958 is protected against short circuits, overload and invalid supply voltage by the
following measures.
5.2.1
Over-current on high-side - short to ground
The high-side switches are protected against a short of the output to ground by an over-
current shutdown. If a high-side switch is turned on and the current rises above the short
circuit detection current Ioc all output transistors are turned off after a filter time Toc_ls and
the error bits "overcurrent on high side 1 (2)", OC_HS1 (OC_HS2) are stored in the internal
status register.
5.2.2
Over-current on low-side - short to Vs
Due to the chopper current regulation, the low-side switches are already protected against a
short to the supply voltage. To be able to distinguish a short circuit from normal current limit
operation, the current limitation is deactivated for the blanking time tb after the current has
exceeded the current limit threshold IH. If the short circuit detection current Ioc is reached
within this blanking time, a short circuit is detected. All output transistors are turned OFF
and the according error bit “Over-Current on Low Side 1 (2)”, OC_LS1 (OC_LS2) is set.
5.2.3
Short circuit over-load
If, during the Blanking time (tb) of the current regulation mode, the current reaches the Ioc
threshold; after a filtering time, the output MOS are switched OFF and the “Short circuit over
load” can be checked by the reading of the overcurrent bits of the DIA_REG (please refer to
Table 8 bit 8, 9,10 and 11).
Figure 15.
Diagnostics for SCB / SCOL
5.2.4
Open load in on state
To perform the Open Load diagnosis in ON state, the flag OL_ON has to be set high through
SPI. After every open load diagnosis in ON state, the OL_ON flag is resetted, to perform a
new open load diagnosis in ON state the OL_ON flag has to be set again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com