Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958XP Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9958XP
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958XP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9958XP Datasheet HTML 23Page - STMicroelectronics L9958XP Datasheet HTML 24Page - STMicroelectronics L9958XP Datasheet HTML 25Page - STMicroelectronics L9958XP Datasheet HTML 26Page - STMicroelectronics L9958XP Datasheet HTML 27Page - STMicroelectronics L9958XP Datasheet HTML 28Page - STMicroelectronics L9958XP Datasheet HTML 29Page - STMicroelectronics L9958XP Datasheet HTML 30Page - STMicroelectronics L9958XP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
L9958
Electrical specifications
Doc ID 17269 Rev 5
27/38
6.4
Electrical characteristics
Tcase = -40 °C ... 125 °C unless otherwise specified,
Vdd = 4.5 V ... 5.5 V unless otherwise specified
Vps = 4 V ... 28 V unless otherwise specified
All voltages refer to Gnd. Currents are positive into and negative out of the specified pin.
6.4.1
Device supply
6.4.2
Device supply monitoring
Table 18.
Device supply
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1.1
Ips
Power supply current
Vdd < 0.7 V; Vps = 16 V
from -40 °C to 25 °C
--
20
µA
Vdd < 0.7 V; Vps = 16 V
at 125 °C
--
35
µA
Fpwm = 0, Iout = 0
-
-
20
mA
1.2
Iout
Leakage current on output
Bridge in tri-state
-
-
100
µA
1.3
Icc
Logic-supply current
Vdd >Vdd_uv_on
FPWM = 0
--
5
mA
FPWM = 20 kHz
(Average value)
--
5
mA
Table 19.
Device supply monitoring
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
2.1
Vps_uv_off
Vps under-voltage threshold
Vps decreasing
-
-
4
V
2.2
Vps_uv_on
Vps under-voltage threshold
Vps increasing
-
-
4.5
V
2.3
Vps_uv_hyst
Vps under-voltage hysteresis
-
0.1
-
-
V
2.4
Tuv_vps
Vps under-voltage filtering time Vps decreasing
1
-
3
µs
2.5
Vdd_uv_off
Vdd under-voltage threshold
Vdd decreasing
3
-
3.7
V
2.6
Vdd_uv_on
Vdd under-voltage threshold
Vdd increasing
3.3
-
4
V
2.7
Vdd_uv_hyst
Vdd under-voltage hysteresis
-
0.1
-
-
V
2.8
Tuv_Vdd
Vdd under-voltage filtering time Vdd decreasing
1
-
4
µs
2.9
Vdd_ov_off
Vdd over-voltage threshold
Vdd increasing
5.8
-
6.8
V
2.10
Vdd-ov_on
Vdd over-voltage threshold
Vdd decreasing
5.5
-
6.5
V
2.11
Vdd_ov_hyst
Vdd over-voltage hysteresis
-
0.1
-
-
V
2.12
Tov_Vdd
Vdd over-voltage filtering time
Vdd increasing
60
100
140
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com