Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958XP Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9958XP
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958XP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9958XP Datasheet HTML 27Page - STMicroelectronics L9958XP Datasheet HTML 28Page - STMicroelectronics L9958XP Datasheet HTML 29Page - STMicroelectronics L9958XP Datasheet HTML 30Page - STMicroelectronics L9958XP Datasheet HTML 31Page - STMicroelectronics L9958XP Datasheet HTML 32Page - STMicroelectronics L9958XP Datasheet HTML 33Page - STMicroelectronics L9958XP Datasheet HTML 34Page - STMicroelectronics L9958XP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
L9958
Electrical specifications
Doc ID 17269 Rev 5
31/38
6.4.8
Diagnostic of open-load in on-state
6.4.9
Off-state diagnostic
7.7
Ioc_ls
Ioc-hs
Low-side over-current
threshold
High-side over-current
threshold
CL1:0 = 0X; -40 °C
≤ Tj ≤ 150 °C
5.5
7.7
9.9
A
CL1:0 = 1X; -40°C
≤ Tj < 25 °C
9.3
12
15
CL1:0 = 1X; 25 °C
≤ Tj ≤ 150°C
9.3
11.5
14
Tracking
CL1:0 = 0X; CL1:0 = 10;
-40 °C
≤ Tj ≤ 150 °C
Ilim_h+2
-
-
CL1:0 = 11; -40 °C
≤ Tj ≤ 150 °C Ilim_h+1.3
-
-
7.8
Toc_ls
Toc_hs
Low-side & high-side
over-current detection
filtering time
-0.8
-
2.5
µs
Table 24.
Current limitation and over-current detection (continued)
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 25.
Diagnostic of open-load in on-state
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
8.1
Is_OL-on
Current source
Tj = -40 °C (go-no-go
functional test)
50
-
120
µA
Tj = 25 °C to 150 °C
(go-no-go functional
test)
50
-
100
8.2
Tmeas_on
Detection time (settling time)
-
-
3
5
µs
Table 26.
Off-state diagnostic
Pos.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
9.1
ROL
Load detection threshold
10
60
200
k
Ω
9.2
Tdiag_off
Delay time before enabling off-
state diagnostic structure
diag after on-state
Guaranteed through
SCAN
100
125
150
ms
9.3
Tdiag-off_1
Off-state diag filtering time
when OUT 1 and/or 2 decrease
from Vps
used each time OUT
pins are released from
Vps (after release of
SCB, after Tdiag_off)
Guaranteed through
SCAN
2.4
3
3.6
ms
9.4
Tdiag_off_2
Off-state diagnostic filtering
time on failure detection
One symmetric filter for
each failure type (OL,
SCG, SCB) Guaranteed
through SCAN
200
250
300
µs
9.5
Tclock
Oscillator frequency
-
4
-
6
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com